Electronic Components Datasheet Search
  English  ▼

X  

LTPL-C0675WPNB Datasheet(PDF) 13 Page - Lite-On Technology Corporation

Part # LTPL-C0675WPNB
Description  SMD LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-C0675WPNB Datasheet(HTML) 13 Page - Lite-On Technology Corporation

Back Button LTPL-C0675WPNB Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 12Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 13Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 14Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 15Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 16Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
12/15
Part No. : LTPL-C0675WPNB
BNS-OD-FC002/A4
SMD LED
LTPL-C0675WPNB
7. Cautions
7.1 Application
The LEDs described here are intended to be used for ordinary electronic equipment (such as office equipment,
communication equipment and household applications).Consult Liteon’s Sales in advance for information on applications
in which exceptional reliability is required, particularly when the failure or malfunction of the LEDs may directly jeopardize
life or health (such as in aviation, transportation, traffic control equipment, medical and life support systems and safety
devices).
7.2 Storage
This product is qualified as Moisture sensitive Level 3 per JEDEC J-STD-020 Precaution when handing this moisture
sensitive product is important to ensure the reliability of the product.
The package is sealed:
The LEDs should be stored at 30°C or less and 90%RH or less. And the LEDs are limited to use within
one year, while the LEDs is packed in moisture-proof package with the desiccants inside.
The package is opened:
The LEDs should be stored at 30°C or less and 60%RH or less. Moreover, the LEDs are limited to solder process within
168hrs. If the Humidity Indicator shows the pink color in 10% even higher or exceed the storage limiting time since
opened, that we recommended to baking LEDs at 60°C at least 48hrs. To seal the remainder LEDs return to package, it
’s
recommended to be with workable desiccants in original package.
7.3 Cleaning
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED if necessary.
7.4 Soldering
Recommended soldering conditions:
Reflow soldering
Soldering iron
Pre-heat
Pre-heat time
Peak temperature
Soldering time
150~200°C
120 sec. Max.
260°C Max.
10 sec. Max.(Max. two times)
Temperature
Soldering time
300°C Max.
3 sec. Max.
(one time only)
Notes:
Because different board designs use different number and types of devices, solder pastes, reflow ovens, and circuit
boards, no single temperature profile works for all possible combinations. However, you can successfully mount your
packages to the PCB by following the proper guidelines and PCB-specific characterization.
LITE-ON Runs both component-level verification using in-house KYRAMX98 reflow chambers and board-level assembly.
The results of this testing are verified through post-reflow reliability testing. Profiles used at LITE-ON are based on
JEDEC standards to ensure that all packages can be successfully and reliably surface mounted. Figure on page2 shows
a sample temperature profile compliant to JEDEC standards. You can use this example as a generic target to set up your
reflow process. You should adhere to the JEDEC profile limits as well as specifications and recommendations from the
solder paste manufacturer to avoid damaging the device and create a reliable solder joint.


Similar Part No. - LTPL-C0675WPNB

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPL-C0675WPRB LITEON-LTPL-C0675WPRB Datasheet
466Kb / 15P
SMD LED
LTPL-C0675WPYB LITEON-LTPL-C0675WPYB Datasheet
465Kb / 15P
SMD LED
More results

Similar Description - LTPL-C0675WPNB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
LED SMD
logo
KODENSHI_AUK CORP.
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
SMD LED
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
SMD LED
logo
Lite-On Technology Corp...
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
SMD LED
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com