Electronic Components Datasheet Search
  English  ▼

X  

LTPL-C0675WPNB Datasheet(PDF) 14 Page - Lite-On Technology Corporation

Part # LTPL-C0675WPNB
Description  SMD LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-C0675WPNB Datasheet(HTML) 14 Page - Lite-On Technology Corporation

Back Button LTPL-C0675WPNB Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 12Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 13Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 14Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 15Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 16Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
13/15
Part No. : LTPL-C0675WPNB
BNS-OD-FC002/A4
SMD LED
LTPL-C0675WPNB
7.5 Drive Method
A LED is a current-operated device. In order to ensure intensity uniformity on multiple LEDs connected in parallel in an
application, it is recommended that a current limiting resistor be incorporated in the drive circuit, in series with each LED
as shown in Circuit A below.
Circuit model A
Circuit model B
(A) Recommended circuit.
(B) The brightness of each LED might appear different due to the differences in the I-V characteristics
of those LEDs.
7.6 ESD (Electrostatic Discharge)
Static Electricity or power surge will damage the LED.
Suggestions to prevent ESD damage:
Use of a conductive wrist band or anti-electrostatic glove when handling these LEDs.
All devices, equipment, and machinery must be properly grounded.
Work tables, storage racks, etc. should be properly grounded.
Use ion blower to neutralize the static charge which might have built up on surface of the LED’s plastic lens as a
result of friction between LEDs during storage and handling.
Plastic lens as a result of friction between LEDs during storage and handling.
ESD-damaged LEDs will exhibit abnormal characteristics such as high reverse leakage current, low forward Voltage, or
“no light-up” at low currents.
To verify for ESD damage, check for
“light up” and Vf of the suspect LEDs at low currents.
The Vf of
“good” LEDs should be>2.0V@0.1mA for InGaN product.forward voltage, or “no lightup” at low currents.
To verify for ESD damage, check for “lightup” and VF of the suspect LEDs at low currents.
LED
LED


Similar Part No. - LTPL-C0675WPNB

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPL-C0675WPRB LITEON-LTPL-C0675WPRB Datasheet
466Kb / 15P
SMD LED
LTPL-C0675WPYB LITEON-LTPL-C0675WPYB Datasheet
465Kb / 15P
SMD LED
More results

Similar Description - LTPL-C0675WPNB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
LED SMD
logo
KODENSHI_AUK CORP.
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
SMD LED
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
SMD LED
logo
Lite-On Technology Corp...
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
SMD LED
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com