Electronic Components Datasheet Search
  English  ▼

X  

LTPL-C0675WPNB Datasheet(PDF) 15 Page - Lite-On Technology Corporation

Part # LTPL-C0675WPNB
Description  SMD LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-C0675WPNB Datasheet(HTML) 15 Page - Lite-On Technology Corporation

Back Button LTPL-C0675WPNB Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 12Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 13Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 14Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 15Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 16Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
14/15
Part No. : LTPL-C0675WPNB
BNS-OD-FC002/A4
SMD LED
LTPL-C0675WPNB
8. Reliability Test
Stress Test
Stress Condition
Stress Duration
Thermal Cycling
- 40℃(30min)/100℃(30min) transition time 5 min@25℃
500 cycles
Thermal Shock
- 40℃(20min)/100℃(20min) transition time 20 secs
200 cycles
Room Temperature Operation Life
25℃, IF=350mA
500hr
Low Temperature Storage Life
- 40℃
500hr
High Temperature Storage Life
100℃
500hr
Resistance to solder heat
Tsol=260℃, 10sec,6min
3 times
Wet High Temperature Operation Life
85℃/85%
500hr
Pulse test
IF=1000mA 50ms on /950 ms off @25℃
30000times
Notes:
1. All reliability items are mounted on thermal heat sink with 2cmX 2cm Metal Core PCB


Similar Part No. - LTPL-C0675WPNB

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPL-C0675WPRB LITEON-LTPL-C0675WPRB Datasheet
466Kb / 15P
SMD LED
LTPL-C0675WPYB LITEON-LTPL-C0675WPYB Datasheet
465Kb / 15P
SMD LED
More results

Similar Description - LTPL-C0675WPNB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com