Electronic Components Datasheet Search
  English  ▼

X  

L9678P Datasheet(PDF) 107 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 107 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 103Page - STMicroelectronics L9678P Datasheet HTML 104Page - STMicroelectronics L9678P Datasheet HTML 105Page - STMicroelectronics L9678P Datasheet HTML 106Page - STMicroelectronics L9678P Datasheet HTML 107Page - STMicroelectronics L9678P Datasheet HTML 108Page - STMicroelectronics L9678P Datasheet HTML 109Page - STMicroelectronics L9678P Datasheet HTML 110Page - STMicroelectronics L9678P Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 203 page
background image
DocID029274 Rev 3
107/203
L9678P, L9678P-S
SPI interface
202
Updated by SSM_RESET or SPI write while in DIAG state
0 First 16 bits of SPI MISO frame used for Response Mask and Data
Mask bit-wise AND
1 Last 16 bits of SPI MISO frame used for Response Mask and Data
Mask bit-wise AND
LIM SELx
0
0
0 Data range limit select for safing record x - When enabled, determines the
range limit used for incoming sensor data
Updated by SSM_RESET or SPI write while in DIAG state
0 8-bit data range limit - incoming |data| >120d is not recognized as valid
data
1 10-bit data range limit - incoming |data| > 480d is not recognized as
valid data
LIM Enx
0
0
0 Data range limit enable for safing record x
Updated by SSM_RESET or SPI write while in DIAG state
0 Data range limit disabled
1 Data range limit enabled
COMBx
0
0
0 Combine function enable for safing record x
Updated by SSM_RESET or SPI write while in DIAG state
0 Combine function disabled
1 Combine function enabled
For record pairs = x,x+1, the comparison for record x uses |data(x) +
data(x+1)| and the comparison for record x+1 uses |data(x) - data(x+1)|
Record pairs are 1,2 and 6,7
DWELLx[1:0]
00
00
00 Safing dwell extension time select for safing record x
Updated by SSM_RESET or SPI write while in DIAG state
00 2048 ms
01 256 ms
10 32 ms
11 0 ms
ARM2x
0
0
0 ARM2INT select for safing record x - correlates safing result to ARM2INT
Updated by SSM_RESET or SPI write while in DIAG state
0 Safing record x not assigned to ARM2INT
1 Safing record x assigned to ARM2INT
ARM1x
0
0
0 ARM1INT select for safing record x - correlates safing result to ARM1INT
Updated by SSM_RESET or SPI write while in DIAG state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com