Electronic Components Datasheet Search
  English  ▼

X  

L9679P Datasheet(PDF) 179 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 179 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 175Page - STMicroelectronics L9679P Datasheet HTML 176Page - STMicroelectronics L9679P Datasheet HTML 177Page - STMicroelectronics L9679P Datasheet HTML 178Page - STMicroelectronics L9679P Datasheet HTML 179Page - STMicroelectronics L9679P Datasheet HTML 180Page - STMicroelectronics L9679P Datasheet HTML 181Page - STMicroelectronics L9679P Datasheet HTML 182Page - STMicroelectronics L9679P Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 272 page
background image
DocID029275 Rev 1
179/272
L9679P
Remote sensor interface
271
9.3.4
Leakage to battery, sensor open
The sensor interface offers also open sensor detection. The auto-adjusting counter for
remote sensor current sensing will drop to 0 in case the current flowing through RSUx pin is
lower than 2.5 mA typ. The OPENDET fault flag is asserted when the fault condition lasts for
longer than TRSUOP_FILT deglitch filter time. This fault flag can be read from RSDR bits
and any fault will set the RSFLT bit of the global status word register (GSW). The channel in
this condition is not shutdown. This fault bit is cleared upon read or upon channel disabled
via SPI RSCTRL register.
9.3.5
Leakage to ground
The sensor interface offers as well the detection of a leakage to ground condition, which will
possibly raise the sensor current higher than 42 mA/12 mA typ in PSI5/WSS modes
respectively. The CURRENT_HI fault flag is asserted when the fault condition lasts for
longer than TRSUCH_FILT deglitch filter time. This fault flag can be read from RSDR bits and
any fault will set the RSFLT bit of the global status word register (GSW). The channel in this
condition is not shutdown. This fault bit is cleared upon read or upon channel disabled via
SPI RSCTRL register.
9.3.6
Thermal shutdown
Each output is protected by an independent over-temperature detection circuit should the
remote sensor interface thermal protection be triggered the output stage is disabled and a
corresponding thermal fault is latched and reported through the RSTEMP flag in the Remote
Sensor Data Register (RSDRx). The thermal fault flag is cleared when the sensor channel is
first disabled and then re-enabled through the Remote Sensor Configuration Register
(RSCRx).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com