Electronic Components Datasheet Search
  English  ▼

X  

LTSA-C190TBA5 Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTSA-C190TBA5
Description  SMD LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTSA-C190TBA5 Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTSA-C190TBA5 Datasheet HTML 1Page - Lite-On Technology Corporation LTSA-C190TBA5 Datasheet HTML 2Page - Lite-On Technology Corporation LTSA-C190TBA5 Datasheet HTML 3Page - Lite-On Technology Corporation LTSA-C190TBA5 Datasheet HTML 4Page - Lite-On Technology Corporation LTSA-C190TBA5 Datasheet HTML 5Page - Lite-On Technology Corporation LTSA-C190TBA5 Datasheet HTML 6Page - Lite-On Technology Corporation LTSA-C190TBA5 Datasheet HTML 7Page - Lite-On Technology Corporation LTSA-C190TBA5 Datasheet HTML 8Page - Lite-On Technology Corporation LTSA-C190TBA5 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
3/13
Part No. : LTSA-C190TBA5
BNS-OD-FC002/A4
SMD LED
LTSA-C190TBA5
3.3 Electrical / Optical Characteristics at Ta=25°C
°C
°C
°C
Parameter
Symbol
LTSA-C190TBA5
Unit
Test
Condition
MIN.
TYP.
MAX.
Luminous Intensity
IV
45.0
-
180.0
mcd
IF = 5mA
Note 1 & 2 & 5
Viewing Angle
2
θ1/2
-
130
-
deg
Fig 6
Chromaticity Coordinates
X
-
0.203
-
-
IF = 5mA
Note 3 & 5
Fig 1
Y
-
0.319
-
-
Forward Voltage
VF
2.55
-
3.15
V
IF = 5mA
Reverse Current
IR
-
-
10
μ
A
VR = 5V
Note 7
Notes:
1.
Luminous intensity is measured with a light sensor and filter combination that approximates the
CIE eye-response curve.
2.
Iv classification code is marked on each packing bag.
3.
The chromaticity coordinates (x, y) is derived from the 1931 CIE chromaticity diagram.
4.
Caution in ESD:
Static Electricity and surge damages the LED. It is recommend to use a wrist band or anti-electrostatic
glove when handling the LED. All devices, equipment and machinery must be properly grounded.
5.
Tester
CAS140B is for the chromaticity coordinates (x, y) and Iv.
6.
The chromaticity coordinates (x, y) guarantee should be added ± 0.01 tolerance.
7.
Reverse voltage (VR) condition is applied to IR test only. The device is not designed for reverse operation.


Similar Part No. - LTSA-C190TBA5

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LTSA-C190TBA5 TO-GRACE-LTSA-C190TBA5 Datasheet
1Mb / 14P
SMD LED
More results

Similar Description - LTSA-C190TBA5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
LED SMD
logo
KODENSHI_AUK CORP.
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
SMD LED
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
SMD LED
logo
Lite-On Technology Corp...
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
SMD LED
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com