Electronic Components Datasheet Search
  English  ▼

X  

NSPG546BS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NSPG546BS
Description  GREEN LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NSPG546BS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NSPG546BS Datasheet HTML 1Page - List of Unclassifed Manufacturers NSPG546BS Datasheet HTML 2Page - List of Unclassifed Manufacturers NSPG546BS Datasheet HTML 3Page - List of Unclassifed Manufacturers NSPG546BS Datasheet HTML 4Page - List of Unclassifed Manufacturers NSPG546BS Datasheet HTML 5Page - List of Unclassifed Manufacturers NSPG546BS Datasheet HTML 6Page - List of Unclassifed Manufacturers NSPG546BS Datasheet HTML 7Page - List of Unclassifed Manufacturers NSPG546BS Datasheet HTML 8Page - List of Unclassifed Manufacturers NSPG546BS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
-1-
Nichia STSE-CG2145A
<Cat.No.020830>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
30
mA
Pulse Forward Current
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
120
mW
Operating Temperature
Topr
-30 ~ + 85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Soldering Temperature
Tsld
265°C for 10sec.
IFP Conditions : Pulse Width
10msec. and Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Ta=25°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=20[mA]
-
3.5
4.0
V
Reverse Current
IR
VR= 5[V]
-
-
50
µA
Rank T
Iv
IF=20[mA]
2070
2440
2880
mcd
Rank S
Iv
IF=20[mA]
1450
1730
2070
mcd
Luminous Intensity
Rank R
Iv
IF=20[mA]
1020
1220
1450
mcd
!
Measurement Uncertainty of the Luminous Intensity : ± 10%
Color Ranks
(IF=20mA,Ta=25°C)
Rank G
Rank H
x
0.14
0.14
0.22
0.22
x
0.21
0.21
0.28
0.28
y
0.64
0.74
0.74
0.64
y
0.65
0.73
0.73
0.65
!
Measurement Uncertainty of the Color Coordinates : ± 0.01
!
One delivery will include up to two color ranks and three luminous intensity ranks of the products.
The quantity-ratio of the ranks is decided by Nichia.
2.TYPICAL INITIAL OPTICAL/ELECTRICAL CHARACTERISTICS
Please refer to figure’s page.
3.OUTLINE DIMENSIONS AND MATERIALS
Please refer to figure’s page.
Material as follows ;
Resin(Mold) :
Epoxy Resin
Leadframe
:
Ag plating Copper Alloy
<
=
<
=


Similar Part No. - NSPG546BS

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
NSPG500DS MARL-NSPG500DS Datasheet
482Kb / 14P
   GREEN LED
logo
NICHIA CORPORATION
NSPG500DS NICHIA-NSPG500DS Datasheet
252Kb / 16P
   SPECIFICATIONS FOR GREEN LED
logo
AAEON Technology
NSPG500DS AAEON-NSPG500DS Datasheet
482Kb / 14P
   SPECIFICATIONS FOR NICHIA GREEN LED
NSPG500DS AAEON-NSPG500DS_15 Datasheet
482Kb / 14P
   SPECIFICATIONS FOR NICHIA GREEN LED
logo
List of Unclassifed Man...
NSPG500S ETC-NSPG500S Datasheet
288Kb / 15P
   NICHIA GREEN LED
More results

Similar Description - NSPG546BS

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPG513A NICHIA-NSPG513A Datasheet
197Kb / 15P
   GREEN LED
NSPG513 NICHIA-NSPG513 Datasheet
234Kb / 15P
   GREEN LED
NSPG520AS NICHIA-NSPG520AS Datasheet
200Kb / 15P
   GREEN LED
NSPGR70ASS NICHIA-NSPGR70ASS Datasheet
548Kb / 13P
   GREEN LED
NCSGE17AT NICHIA-NCSGE17AT Datasheet
301Kb / 19P
   GREEN LED
NE2G757GT NICHIA-NE2G757GT Datasheet
285Kb / 18P
   GREEN LED
NSPG320BS NICHIA-NSPG320BS Datasheet
276Kb / 15P
   GREEN LED
NSPG510S NICHIA-NSPG510S Datasheet
275Kb / 15P
   GREEN LED
NSPGR70BSS NICHIA-NSPGR70BSS Datasheet
290Kb / 13P
   GREEN LED
logo
Marl International Limi...
NSPG520AS MARL-NSPG520AS Datasheet
201Kb / 15P
   GREEN LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com