Electronic Components Datasheet Search
  English  ▼

X  

NSPG546BS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # NSPG546BS
Description  GREEN LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NSPG546BS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  NSPG546BS Datasheet HTML 1Page - List of Unclassifed Manufacturers NSPG546BS Datasheet HTML 2Page - List of Unclassifed Manufacturers NSPG546BS Datasheet HTML 3Page - List of Unclassifed Manufacturers NSPG546BS Datasheet HTML 4Page - List of Unclassifed Manufacturers NSPG546BS Datasheet HTML 5Page - List of Unclassifed Manufacturers NSPG546BS Datasheet HTML 6Page - List of Unclassifed Manufacturers NSPG546BS Datasheet HTML 7Page - List of Unclassifed Manufacturers NSPG546BS Datasheet HTML 8Page - List of Unclassifed Manufacturers NSPG546BS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
-4-
Nichia STSE-CG2145A
<Cat.No.020830>
7.CAUTIONS
(1) Lead Forming
· When forming leads, the leads should be bent at a point at least 3mm from the base of the epoxy bulb.
Do not use the base of the leadframe as a fulcrum during lead forming.
· Lead forming should be done before soldering.
· Do not apply any bending stress to the base of the lead. The stress to the base may damage the
characteristics or it may break the LEDs.
· When mounting the LEDs onto a printed circuit board, the holes on the circuit board should be
exactly aligned with the leads of the LEDs. If the LEDs are mounted with stress at the leads,
it causes deterioration of the epoxy resin and this will degrade the LEDs.
(2) Storage
· The LEDs should be stored at 30°C or less and 70%RH or less after being shipped from Nichia and
the storage life limits are 3 months.
If the LEDs are stored for 3 months or more, they can be
stored for a year in a sealed container with a nitrogen atmosphere and moisture absorbent material.
· Nichia LED leadframes are comprised of a silver plated copper alloy. The silver surface
may be affected by environments which contain corrosive gases and so on. Please avoid conditions
which may cause the LED to corrode, tarnish or discolor. This corrosion or discoloration may cause
difficulty during soldering operations. It is recommended that the LEDs be used as soon as possible.
· Please avoid rapid transitions in ambient temperature, especially, in high humidity environments where
condensation can occur.
(3) Static Electricity
· Static electricity or surge voltage damages the LEDs.
It is recommended that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
· All devices, equipment and machinery must be properly grounded. It is recommended that measures
be taken against surge voltage to the equipment that mounts the LEDs.
· When inspecting the final products in which LEDs were assembled, it is recommended to check
whether the assembled LEDs are damaged by static electricity or not.
It is easy to find
static-damaged LEDs by a light-on test or a VF test at a lower current (below 1mA is recommended).
· Damaged LEDs will show some unusual characteristics such as the leak current remarkably
increases, the forward voltage becomes lower, or the LEDs do not light at the low current.
Criteria : (VF > 2.0V at IF=0.5mA)


Similar Part No. - NSPG546BS

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
NSPG500DS MARL-NSPG500DS Datasheet
482Kb / 14P
   GREEN LED
logo
NICHIA CORPORATION
NSPG500DS NICHIA-NSPG500DS Datasheet
252Kb / 16P
   SPECIFICATIONS FOR GREEN LED
logo
AAEON Technology
NSPG500DS AAEON-NSPG500DS Datasheet
482Kb / 14P
   SPECIFICATIONS FOR NICHIA GREEN LED
NSPG500DS AAEON-NSPG500DS_15 Datasheet
482Kb / 14P
   SPECIFICATIONS FOR NICHIA GREEN LED
logo
List of Unclassifed Man...
NSPG500S ETC-NSPG500S Datasheet
288Kb / 15P
   NICHIA GREEN LED
More results

Similar Description - NSPG546BS

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPG513A NICHIA-NSPG513A Datasheet
197Kb / 15P
   GREEN LED
NSPG513 NICHIA-NSPG513 Datasheet
234Kb / 15P
   GREEN LED
NSPG520AS NICHIA-NSPG520AS Datasheet
200Kb / 15P
   GREEN LED
NSPGR70ASS NICHIA-NSPGR70ASS Datasheet
548Kb / 13P
   GREEN LED
NCSGE17AT NICHIA-NCSGE17AT Datasheet
301Kb / 19P
   GREEN LED
NE2G757GT NICHIA-NE2G757GT Datasheet
285Kb / 18P
   GREEN LED
NSPG320BS NICHIA-NSPG320BS Datasheet
276Kb / 15P
   GREEN LED
NSPG510S NICHIA-NSPG510S Datasheet
275Kb / 15P
   GREEN LED
NSPGR70BSS NICHIA-NSPGR70BSS Datasheet
290Kb / 13P
   GREEN LED
logo
Marl International Limi...
NSPG520AS MARL-NSPG520AS Datasheet
201Kb / 15P
   GREEN LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com