Electronic Components Datasheet Search
  English  ▼

X  

0-0519024-2 Datasheet(PDF) 9 Page - TE Connectivity Ltd

Part # 0-0519024-2
Description  This ERGOCRIMP Die is suitable to crimp the following crimp contacts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

0-0519024-2 Datasheet(HTML) 9 Page - TE Connectivity Ltd

Back Button 0-0519024-2 Datasheet HTML 3Page - TE Connectivity Ltd 0-0519024-2 Datasheet HTML 4Page - TE Connectivity Ltd 0-0519024-2 Datasheet HTML 5Page - TE Connectivity Ltd 0-0519024-2 Datasheet HTML 6Page - TE Connectivity Ltd 0-0519024-2 Datasheet HTML 7Page - TE Connectivity Ltd 0-0519024-2 Datasheet HTML 8Page - TE Connectivity Ltd 0-0519024-2 Datasheet HTML 9Page - TE Connectivity Ltd 0-0519024-2 Datasheet HTML 10Page - TE Connectivity Ltd 0-0519024-2 Datasheet HTML 11Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Matrize
PN 539-953-2
411-18269 / Rev. A1
Die Set
PN 539-953-2
411-18269 / Rev. A1
Seite / Page 9 of 11
7 Maintenance / Inspection
7.1
Daily Maintenance
Tyco recommends that operators of the tool be made
aware of the following steps of daily maintenance:
1. Remove
dust, moisture, and any other
contaminants from the tool with a clean, soft
brush, or a clean, soft, lint-free cloth. Do NOT use
hard or abrasive objects that could damage the
tool.
2. Make certain that the pivot pins are in place and
that they are secured with retaining plate and that
locking screw of the adjustment wheel is tight.
3. All pins, pivot points, and bearing surfaces should
be protected with a thin coat of any good SAE No.
20 motor oil. Do not oil excessively.
4. When the tool is not in use, keep handles closed
to prevent objects from becoming lodged in the
crimping jaws. Store the tool in a clean, dry area.
7.2 Periodic Inspection
Regular inspections of the tool should be performed
by quality control personnel. A record of scheduled
inspections should remain with the tool or be supplied
to supervisory personnel responsible for the tool.
Inspection frequency should be based upon amount
of usage, working conditions, operator training and
skill and established company standards.
1. Remove all lubrication and accumulated film by
immersing the tool (handles partially closed) in a
suitable commercial degreaser that will not affect
paint or plastic material.
2. Make certain that all pivot pins are in place and
secured with retaining plates.
3. Close tool handles until ratchet releases and then
allow them to open freely. If they do not open
quickly and fully, the spring is defective and must
be replaced.
4. Inspect the tool frame for wear or damage, paying
particular attention to the tool jaws and pivot
points.
7 Wartung, Instandhaltung
7.1 Tägliche Wartung
Zur täglichen Wartung sind folgende Schritte durch-
zuführen:
1. Entfernen Sie vom Werkzeug Staub, Feuchtigkeit
und andere Rückstände mit einer sauberen, wei-
chen Bürste oder einem fusselfreien Tuch. Ver-
wenden Sie keine harten oder abschleifenden
Mittel, mit denen das Werkzeug beschädigt wer-
den könnte.
2. Stellen Sie sicher, daß der Lagerbolzen einge-
setzt und durch die Sicherungsscheibe gehalten
wird und die Schaftschraube zur Sicherung des
Einstellrades fest ist.
3. Versehen Sie alle Stifte, Drehpunkte und Lager-
oberflächen mit einem dünnen Ölfilm eines guten
SAE 20 Motoröls. Ölen Sie aber nicht übermäßig.
4. Wird die Handzange nicht benötigt, dann schlie-
ßen Sie die Zangengriffe und lagern die Zange
sauber und trocken.
7.2 Periodische Überprüfung
Eine Überprüfung der Crimpzange sollte durch quali-
fiziertes Personal regelmäßig (je nach Nutzung) durch-
geführt und aufgezeichnet werden.
1. Entfernen Sie jegliche Schmiermittel und Rück-
stände, indem Sie die Handzange (Griffe teilweise
geschlossen) in ein Fett-Lösemittel eintauchen,
das Farbe und Kunststoffe nicht angreift.
2. Stellen Sie sicher, daß alle Lagerbolzen einge-
setzt und durch Sicherungsscheiben gehalten
werden.
3. Schließen Sie die Zangengriffe bis der Ratschen-
mechanismus auslöst bzw. öffnet, und lassen Sie
die Zangengriffe frei öffnen. Öffnen die Griffe nicht
schnell und vollständig, dann ist die Feder be-
schädigt und muß ersetzt werden.
4. Überprüfen Sie die Zange auf Abnutzung und
Beschädigung, insbesondere im Bereich der
Crimpbacken und Drehzapfen.


Similar Part No. - 0-0519024-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
0-0519024-2 MACOM-0-0519024-2 Datasheet
50Kb / 1P
ERGOCRIMP-DIE SET ERGOCRIMP MATRIZE
logo
TE Connectivity Ltd
0-0519024-2 TEC-0-0519024-2 Datasheet
210Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
0-0519024-2 TEC-0-0519024-2 Datasheet
121Kb / 11P
Hinweise zum Inhalt dieser Betriebsanleitung
0-0519024-2 TEC-0-0519024-2 Datasheet
96Kb / 11P
For further information, not included in this IS , and for technical assistance please contact
0-0519024-2 TEC-0-0519024-2 Datasheet
128Kb / 11P
For further information, not included in this IS , and for technical assistance please contact
More results

Similar Description - 0-0519024-2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08SH4CTG FREESCALE-MC9S08SH4CTG Datasheet
1Mb / 341P
This is the MC9S08SH8 datasheet set consisting of the following files
logo
Tyco Electronics
3-1579001-5 MACOM-3-1579001-5 Datasheet
50Kb / 1P
ERGOCRIMP-DIE SET ERGOCRIMP MATRIZE
logo
Integrated Device Techn...
TSI350 IDT-TSI350 Datasheet
848Kb / 163P
This chapter discusses the following
logo
TE Connectivity Ltd
411-18231 TEC-411-18231 Datasheet
97Kb / 11P
This ERGOCRIMP Die is suitable to crimp the following crimp contacts
411-18235 TEC-411-18235 Datasheet
95Kb / 11P
This ERGOCRIMP Die is suitable to crimp the following crimp contacts
411-18239 TEC-411-18239 Datasheet
97Kb / 11P
This ERGOCRIMP Die is suitable to crimp the following crimp contacts
411-18265 TEC-411-18265 Datasheet
131Kb / 11P
This ERGOCRIMP Die is suitable to crimp the following crimp contacts
411-18527 TEC-411-18527 Datasheet
215Kb / 11P
This ERGOCRIMP Die is suitable to crimp the following crimp contacts
logo
NXP Semiconductors
MCF51JG256DS NXP-MCF51JG256DS Datasheet
1,022Kb / 46P
This is the MCF51JG256 Data Sheet set consisting of the following files
Rev.1.1, 07/2013
MCF51QW256DS NXP-MCF51QW256DS Datasheet
922Kb / 42P
This is the MCF51QW256 Data Sheet set consisting of the following files
1.1, 07/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com