Electronic Components Datasheet Search
  English  ▼

X  

2.54UFL Datasheet(PDF) 4 Page - Lumberg

Part # 2.54UFL
Description  Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

2.54UFL Datasheet(HTML) 4 Page - Lumberg

  2.54UFL_18 Datasheet HTML 1Page - Lumberg 2.54UFL_18 Datasheet HTML 2Page - Lumberg 2.54UFL_18 Datasheet HTML 3Page - Lumberg 2.54UFL_18 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
51 2,54 UFL
01/2018
4
Designation
Pole Number
PU (Pieces)
MDQ (Pieces)
2,54 UFL 39
39
200
2000
2,54 UFL 40
40
200
2000
2,54 UFL 41
41
200
2000
2,54 UFL 42
42
200
2000
2,54 UFL 43
43
200
2000
2,54 UFL 44
44
200
2000
2,54 UFL 45
45
200
2000
2,54 UFL 46
46
200
2000
2,54 UFL 47
47
200
2000
2,54 UFL 48
48
200
2000
2,54 UFL 49
49
200
2000
2,54 UFL 50
50
200
2000
2,54 UFL 51
51
200
2000
2,54 UFL 52
52
200
2000
2,54 UFL 53
53
200
2000
2,54 UFL 54
54
200
2000
2,54 UFL 55
55
200
2000
2,54 UFL 56
56
200
2000
2,54 UFL 57
57
200
2000
2,54 UFL 58
58
200
2000
2,54 UFL 59
59
200
2000
2,54 UFL 60
60
200
2000
2,54 UFL 61
61
200
2000
Packaging:
in bulk, in a cardboard box
of 4


Similar Part No. - 2.54UFL_18

ManufacturerPart #DatasheetDescription
logo
Lumberg
2.54UFL LUMBERG-2.54UFL Datasheet
89Kb / 1P
Leiterplatten-Direktsteckverbinder,
2.54UFL LUMBERG-2.54UFL Datasheet
89Kb / 1P
Leiterplatten-Direktsteckverbinder, Raster 2,54 mm
More results

Similar Description - 2.54UFL_18

ManufacturerPart #DatasheetDescription
logo
Lumberg
2.5RF LUMBERG-2.5RF Datasheet
572Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5U LUMBERG-2.5U Datasheet
623Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5UFL LUMBERG-2.5UFL Datasheet
502Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54R LUMBERG-2.54R_18 Datasheet
301Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54UF LUMBERG-2.54UF Datasheet
366Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08RFL LUMBERG-5.08RFL Datasheet
378Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08UFL LUMBERG-5.08UFL Datasheet
475Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5RF LUMBERG-5RF Datasheet
396Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
8510A02 LUMBERG-8510A02 Datasheet
188Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
SP1 LUMBERG-SP1_18 Datasheet
248Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com