Electronic Components Datasheet Search
  English  ▼

X  

5,08RFL10 Datasheet(PDF) 3 Page - Lumberg

Part # 5,08RFL10
Description  Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

5,08RFL10 Datasheet(HTML) 3 Page - Lumberg

  5,08RFL10 Datasheet HTML 1Page - Lumberg 5,08RFL10 Datasheet HTML 2Page - Lumberg 5,08RFL10 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
51 5,08 RFL
01/2018
3
Designation
Pole Number
PU (Pieces)
MDQ (Pieces)
5,08 RFL 03
3
200
5000
5,08 RFL 04
4
200
5000
5,08 RFL 05
5
200
5000
5,08 RFL 06
6
200
5000
5,08 RFL 07
7
200
5000
5,08 RFL 08
8
200
5000
5,08 RFL 09
9
200
5000
5,08 RFL 10
10
200
5000
5,08 RFL 11
11
200
5000
5,08 RFL 12
12
200
5000
5,08 RFL 13
13
200
5000
5,08 RFL 14
14
200
5000
5,08 RFL 15
15
200
5000
5,08 RFL 16
16
200
5000
5,08 RFL 17
17
200
5000
5,08 RFL 18
18
200
5000
5,08 RFL 19
19
200
5000
5,08 RFL 20
20
200
5000
5,08 RFL 21
21
200
5000
5,08 RFL 22
22
200
5000
5,08 RFL 23
23
200
5000
5,08 RFL 24
24
200
5000
5,08 RFL 25
25
200
5000
5,08 RFL 26
26
200
5000
5,08 RFL 27
27
200
5000
5,08 RFL 28
28
200
5000
5,08 RFL 29
29
200
5000
5,08 RFL 30
30
200
5000
5,08 RFL 31
31
200
5000
Packaging:
in bulk, in a cardboard box
of 3


Similar Part No. - 5,08RFL10

ManufacturerPart #DatasheetDescription
logo
Lumberg
5,08RFL LUMBERG-5,08RFL Datasheet
246Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results

Similar Description - 5,08RFL10

ManufacturerPart #DatasheetDescription
logo
Lumberg
2.5RF LUMBERG-2.5RF Datasheet
572Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5U LUMBERG-2.5U Datasheet
623Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5UFL LUMBERG-2.5UFL Datasheet
502Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54R LUMBERG-2.54R_18 Datasheet
301Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54UF LUMBERG-2.54UF Datasheet
366Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54UFL LUMBERG-2.54UFL_18 Datasheet
404Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08UFL LUMBERG-5.08UFL Datasheet
475Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5RF LUMBERG-5RF Datasheet
396Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
8510A02 LUMBERG-8510A02 Datasheet
188Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
SP1 LUMBERG-SP1_18 Datasheet
248Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com