Electronic Components Datasheet Search
  English  ▼

X  

MB91F585AMK Datasheet(PDF) 173 Page - Cypress Semiconductor

Part # MB91F585AMK
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F585AMK Datasheet(HTML) 173 Page - Cypress Semiconductor

Back Button MB91F585AMK Datasheet HTML 168Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 169Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 170Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 171Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 172Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 173Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 174Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 175Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 176Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 173 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 172 of 175
MB91580M/S Series
15. Major Changes
Spansion Publication Number: MB91F585AMG_DS705-00013
Page
Section
Change Results
Revision 1.0
-
-
Initial release
Revision 2.0
-
-
The product series name should be corrected.
MB91F585MG
MB91F585AMG
MB91F585MH
MB91F585AMH
MB91F585MJ
MB91F585AMJ
MB91F585MK
MB91F585AMK
MB91F584MG
MB91F584AMG
MB91F584MH
MB91F584AMH
MB91F584MJ
MB91F584AMJ
MB91F584MK
MB91F584AMK
MB91F583MG
MB91F583AMG
MB91F583MH
MB91F583AMH
MB91F583MJ
MB91F583AMJ
MB91F583MK
→
MB91F583AMK
MB91F585SG
MB91F585ASG
MB91F585SH
MB91F585ASH
MB91F585SJ
MB91F585ASJ
MB91F585SK
MB91F585ASK
MB91F584SG
MB91F584ASG
MB91F584SH
MB91F584ASH
MB91F584SJ
MB91F584ASJ
MB91F584SK
MB91F584ASK
MB91F583SG
MB91F583ASG
MB91F583SH
MB91F583ASH
MB91F583SJ
MB91F583ASJ
MB91F583SK
MB91F583ASK
2
Features
The features of CR oscillation should be corrected.
Oscillation frequency: 100kHz, with frequency accuracy ± 10%
↓
Oscillation frequency: 100kHz, with frequency accuracy ± 50%
(pre-trimming)
22
I/O Circuit Type
The specification of
"H" level input voltage and "L" level input
voltage of FlexRay should be corrected.
FlexRay input (0.65Vcc/0.35Vcc)
↓
FlexRay input (0.7Vcc/0.3Vcc)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com