Electronic Components Datasheet Search
  English  ▼

X  

MB91F585ASG Datasheet(PDF) 159 Page - Cypress Semiconductor

Part # MB91F585ASG
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F585ASG Datasheet(HTML) 159 Page - Cypress Semiconductor

Back Button MB91F585ASG Datasheet HTML 155Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 156Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 157Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 158Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 159Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 160Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 161Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 162Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 163Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 158 of 175
MB91580M/S Series
 Trigger input timing
VIH
V
IL
tTRGL
tTRGH
VIH
V
IL
INTx
ADTGx
RXx
TRGx
DTTIx
11.4.7
NMI Input Timing
(TA: Recommended operating conditions, VCC =5.0V±10%, VSS=AVSS=0.0V)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Max
Input pulse width
tNMIL
NMIX
-
4tCPP
-
ns
 NMIX input timing
VIH
NMIX
t NMIL
VIH
V
IL
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com