Electronic Components Datasheet Search
  English  ▼

X  

ATV04A5V0-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # ATV04A5V0-HF
Description  SMD Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ATV04A5V0-HF Datasheet(HTML) 3 Page - Comchip Technology

  ATV04A5V0-HF Datasheet HTML 1Page - Comchip Technology ATV04A5V0-HF Datasheet HTML 2Page - Comchip Technology ATV04A5V0-HF Datasheet HTML 3Page - Comchip Technology ATV04A5V0-HF Datasheet HTML 4Page - Comchip Technology ATV04A5V0-HF Datasheet HTML 5Page - Comchip Technology ATV04A5V0-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Comchip Technology CO., LTD.
Page 3
SMD Transient Voltage Suppressor
REV:A
AQW-JTV01
Electrical Characteristics (ATV04A5V0-HF Thru. ATV04A441-HF)
VRWM
VBR Min.
VBR Max.
IT
IFSM
IR @ VRWM
(V)
(V)
(V)
(mA)
(A)@8.3mS
(V)
IPP
(A)
(uA)
Uni
Bi
ATV04A5V0J(B)-HF
5.00
6.40
7.00
10
40
9.20
43.48
800
AE
WE
ATV04A6V0J(B)-HF
6.00
6.67
7.37
10
40
10.3
38.83
800
AG
WG
ATV04A6V5J(B)-HF
6.50
7.22
7.98
10
40
11.2
35.71
500
AK
WK
ATV04A7V0J(B)-HF
7.00
7.78
8.60
10
40
12.0
33.33
200
AM
WM
ATV04A7V5J(B)-HF
7.50
8.33
9.21
1
40
12.9
31.01
100
AP
WP
ATV04A8V0J(B)-HF
8.00
8.89
9.83
1
40
13.6
29.41
50
AR
WR
8.50
9.44
10.40
1
40
14.4
27.78
10
AT
WT
ATV04A8V5J(B)-HF
ATV04A9V0J(B)-HF
9.00
10.00
11.10
1
40
15.4
25.97
5
AV
WV
10.0
11.10
12.30
1
40
17.0
23.53
5
AX
WX
ATV04A100J(B)-HF
ATV04A110J(B)-HF
11.0
12.20
13.50
1
40
18.2
21.98
1
AZ
WZ
ATV04A120J(B)-HF
12.0
13.30
14.70
1
40
19.9
20.10
1
BE
XE
ATV04A130J(B)-HF
13.0
14.40
15.90
1
40
21.5
18.60
1
BG
XG
ATV04A140J(B)-HF
14.0
15.60
17.20
1
40
23.2
17.24
1
BK
XK
ATV04A150J(B)-HF
15.0
16.70
18.50
1
40
24.4
16.39
1
BM
XM
ATV04A160J(B)-HF
16.0
17.80
19.70
1
40
26.0
15.38
1
BP
XP
ATV04A170J(B)-HF
17.0
18.90
20.90
1
40
27.6
14.49
1
BR
XR
ATV04A180J(B)-HF
18.0
20.00
22.10
1
40
29.2
13.70
1
BT
XT
ATV04A200J(B)-HF
20.0
22.20
24.50
1
40
32.4
12.35
1
BV
XV
ATV04A220J(B)-HF
22.0
24.40
26.90
1
40
35.5
11.27
1
BX
XX
ATV04A240J(B)-HF
24.0
26.70
29.50
1
40
38.9
10.28
1
BZ
XZ
ATV04A260J(B)-HF
26.0
28.90
31.90
1
40
42.1
9.50
1
CE
YE
28.0
31.10
34.40
1
40
45.4
8.81
1
CG
YG
ATV04A280J(B)-HF
ATV04A300J(B)-HF
30.0
33.30
36.80
1
40
48.4
8.26
1
CK
YK
33.0
36.70
40.60
1
40
53.3
7.50
1
CM
YM
Absolute Maximum Rating (Ta=25°C)
Part No
Electrical Characteristic (Ta=25°C)
Max. VC
Marking Code
ATV04A190J(B)-HF
19.0
21.10
23.30
1
40
30.8
13.00
1
BB
XB
ATV04A330J(B)-HF
ATV04A360J(B)-HF
36.0
40.00
44.20
1
40
58.1
6.88
1
YP
CP
ATV04A4V0J(B)-HF
4.00
5.89
6.51
10
40
8.60
46.50
800
AC
WC
40.0
44.40
49.10
1
40
64.5
6.20
1
CR
YR
ATV04A400J(B)-HF
43.0
47.80
52.80
1
40
69.4
5.76
1
CT
YT
45.0
50.00
55.30
1
40
72.7
5.50
1
CV
YV
48.0
53.30
58.90
1
40
77.4
5.17
1
CX
YX
51.0
56.70
62.70
1
40
82.4
4.85
1
CZ
YZ
54.0
60.00
66.30
1
40
87.1
4.59
1
RE
ZE
58.0
64.40
71.20
1
40
93.6
4.27
1
RG
ZG
60.0
66.70
73.70
1
40
96.8
4.13
1
RK
ZK
ATV04A430J(B)-HF
ATV04A450J(B)-HF
ATV04A480J(B)-HF
ATV04A510J(B)-HF
ATV04A540J(B)-HF
ATV04A580J(B)-HF
ATV04A600J(B)-HF
64.0
71.10
78.60
1
40
103.0
3.88
1
RM
ZM
70.0
77.80
86.00
1
40
113.0
3.54
1
RP
ZP
75.0
83.30
92.10
1
40
121.0
3.31
1
RR
ZR
78.0
86.70
95.80
1
40
126.0
3.17
1
RT
ZT
85.0
94.40
104.00
1
40
137.0
2.92
1
RV
ZV
90.0
100.00
111.00
1
40
146.0
2.74
1
RX
ZX
100.0
111.00
123.00
1
40
162.0
2.47
1
RZ
ZZ
80.0
88.80
97.60
1
40
129.6
3.09
1
RB
ZB
ATV04A640J(B)-HF
ATV04A700J(B)-HF
ATV04A750J(B)-HF
ATV04A780J(B)-HF
ATV04A800J(B)-HF
ATV04A850J(B)-HF
ATV04A900J(B)-HF
ATV04A101J(B)-HF
110.0
122.00
135.00
1
40
177.0
2.26
1
SE
VE
120.0
133.00
147.00
1
40
193.0
2.07
1
SG
VG
130.0
144.00
159.00
1
40
209.0
1.91
1
SK
VK
150.0
167.00
185.00
1
40
243.0
1.65
1
SM
VM
160.0
178.00
197.00
1
40
259.0
1.54
1
SP
VP
170.0
189.00
209.00
1
40
275.0
1.45
1
SR
VR
140.0
155.00
171.00
1
40
226.8
1.76
1
SB
VB
180.0
200.00
220.00
1
40
291.6
1.37
1
ST
VT
ATV04A111J(B)-HF
ATV04A121J(B)-HF
ATV04A131J(B)-HF
ATV04A141J(B)-HF
ATV04A151J(B)-HF
ATV04A161J(B)-HF
ATV04A171J(B)-HF
ATV04A181J(B)-HF
190.0
211.00
232.00
1
40
307.8
1.30
1
SV
VV
ATV04A191J(B)-HF
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - ATV04A5V0-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ATV02W100(B)-HF COMCHIP-ATV02W100(B)-HF Datasheet
111Kb / 5P
   SMD Transient Voltage Suppressor
ATV02W101(B)-HF COMCHIP-ATV02W101(B)-HF Datasheet
111Kb / 5P
   SMD Transient Voltage Suppressor
ATV02W110(B)-HF COMCHIP-ATV02W110(B)-HF Datasheet
111Kb / 5P
   SMD Transient Voltage Suppressor
ATV02W111(B)-HF COMCHIP-ATV02W111(B)-HF Datasheet
111Kb / 5P
   SMD Transient Voltage Suppressor
ATV02W120(B)-HF COMCHIP-ATV02W120(B)-HF Datasheet
111Kb / 5P
   SMD Transient Voltage Suppressor
More results

Similar Description - ATV04A5V0-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com