Electronic Components Datasheet Search
  English  ▼

X  

ATV04A5V0-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # ATV04A5V0-HF
Description  SMD Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ATV04A5V0-HF Datasheet(HTML) 4 Page - Comchip Technology

  ATV04A5V0-HF Datasheet HTML 1Page - Comchip Technology ATV04A5V0-HF Datasheet HTML 2Page - Comchip Technology ATV04A5V0-HF Datasheet HTML 3Page - Comchip Technology ATV04A5V0-HF Datasheet HTML 4Page - Comchip Technology ATV04A5V0-HF Datasheet HTML 5Page - Comchip Technology ATV04A5V0-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Comchip Technology CO., LTD.
Page 4
SMD Transient Voltage Suppressor
REV:A
AQW-JTV01
Electrical Characteristics (ATV04A5V0-HF Thru. ATV04A441-HF )
VRWM
VBR Min. VBR Max.
IT
IFSM
IR@VRWM
(V)
(V)
(V)
(mA) (A)@8.3mS
(V)
IPP(A)
(uA)
Uni
Bi
200.0
224.00
247.00
1
40
324.0
1.23
1
SW
VW
220.0
246.00
272.00
1
40
356.0
1.12
1
SX
VX
250.0
279.00
309.00
1
40
405.0
0.99
1
SZ
VZ
300.0
335.00
371.00
1
40
486.0
0.82
1
DE
HE
350.0
391.00
432.00
1
40
567.0
0.71
1
DG
HG
400.0
447.00
494.00
1
40
648.0
0.62
1
DK
HK
440.0
492.00
543.00
1
40
713.0
0.56
1
DM
HM
Part No.
Absolute Maximum Rating (TA =25°C)
Electrical Characteristic (TA =25°C)
Max VC
Marking Code
ATV04A201J(B)-HF
ATV04A221J(B)-HF
ATV04A251J(B)-HF
ATV04A301J(B)-HF
ATV04A351J(B)-HF
ATV04A401J(B)-HF
ATV04A441J(B)-HF
1) Suffix J denotes 5% tolerance devices.
2) Suffix B after part number to specify Bi-directional devices.
3) For Bi-Directional devices having VR of 10 volts and under, the IR limit is double.
Note:
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - ATV04A5V0-HF

ManufacturerPart #DatasheetDescription
logo
Amphenol Sine Systems C...
ATV04-18PA-RR01 ASS-ATV04-18PA-RR01 Datasheet
402Kb / 2P
RECEPTACLE, IN LINE, 18 PIN, ATV SERIES REDUCED DIAMETER WIRE SEAL
03MAY18
ATV04-18PB-RR01 ASS-ATV04-18PB-RR01 Datasheet
402Kb / 2P
RECEPTACLE, IN LINE, 18 PIN, ATV SERIES REDUCED DIAMETER WIRE SEAL
03MAY18
ATV04-18PC-RR01 ASS-ATV04-18PC-RR01 Datasheet
402Kb / 2P
RECEPTACLE, IN LINE, 18 PIN, ATV SERIES REDUCED DIAMETER WIRE SEAL
03MAY18
ATV04-18PD-RR01 ASS-ATV04-18PD-RR01 Datasheet
402Kb / 2P
RECEPTACLE, IN LINE, 18 PIN, ATV SERIES REDUCED DIAMETER WIRE SEAL
03MAY18
ATV04-18PX-RR01 ASS-ATV04-18PX-RR01 Datasheet
402Kb / 2P
RECEPTACLE, IN LINE, 18 PIN, ATV SERIES REDUCED DIAMETER WIRE SEAL
03MAY18
More results

Similar Description - ATV04A5V0-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
SMD Transient Voltage Suppressor
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
SMD Transient Voltage Suppressor
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
SMD Transient Voltage Suppressor
logo
Formosa MS
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
SMD Transient Voltage Suppressor
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
SMD Transient Voltage Suppressor
logo
Comchip Technology
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com