Electronic Components Datasheet Search
  English  ▼

X  

ATV04A5V0-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ATV04A5V0-HF
Description  SMD Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ATV04A5V0-HF Datasheet(HTML) 1 Page - Comchip Technology

  ATV04A5V0-HF Datasheet HTML 1Page - Comchip Technology ATV04A5V0-HF Datasheet HTML 2Page - Comchip Technology ATV04A5V0-HF Datasheet HTML 3Page - Comchip Technology ATV04A5V0-HF Datasheet HTML 4Page - Comchip Technology ATV04A5V0-HF Datasheet HTML 5Page - Comchip Technology ATV04A5V0-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SMD Transient Voltage Suppressor
Working Peak Reverse Voltage: 5.0 to 440 Volts
Power Dissipation: 400 Watts
RoHS Device
Page 1
REV:A
Features
- Glass passivated chip.
- 400W peak pulse power capability with a 10/1000
µs waveform, repetitive rate (duty cycle):0.01%
- Low leakage.
- Uni and Bidirectional unit.
- Excellent clamping capability.
Mechanical data
- Case: SMA/DO-214AC, molded plastic.
- Terminals: solderable per MIL-STD-750,
method 2026.
- Approx. weight: 0.064 grams
ATV04A5V0-HF Thru. ATV04A441-HF
Maximum Ratings and Electrical Characteristics
Dimensions in inches and (millimeter)
SMA/DO-214AC
AQW-JTV01
Comchip Technology CO., LTD.
Halogen Free
- Very fast response time.
- Epoxy: UL 94V-0 rate flame retardant.
- Polarity: Color band denotes cathode end
execpt Bipolar.
O
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Notes:
1. Non-repetitive current pulse, per Fig. 5 and derated above TA=25
2. Measured on 8.3mS single half sine-wave or equare wave,duty cycle=4 pulses per minute maximum.
3. VF<3.5V for devices of VBR<200V and VF<5.0V for devices of VBR>201V
Peak power dissipation on 10/1000μS
waveform (Note1)
Peak pulse current on 10/1000μS
waveform (Note 1)
Steady state power dissipation at TL=75°C
Peak forward surge current, 8.3mS single
half sine-wave unidirectional only (Note 2)
Maximum instantaneous forward voltage
at 25.0A for unidirectional only (Note 3)
Maximum operating junction temperature
Storage temperature range
Value
Units
Symbol
Characteristics
PPPM
IPPM
PM(AV)
IFSM
VF
TJ
TSTG
400
See Next Table
1.0
40
3.5/5.0
-55 to +150
-55 to +150
W
A
W
A
V
°C
°C
°C, per Fig. 1.
Company reserves the right to improve product design , functions and reliability without notice.
0.109(2.76)
0.099(2.51)
0.064(1.63)
0.048(1.23)
0.206(5.22)
0.192(4.87)
0.012(0.30)
0.006(0.15)
0.008(0.20) max
0.059(1.51)
0.030(0.75)
0.089(2.26)
0.077(1.96)
0.179(4.55)
0.161(4.10)
- Comply with AEC-Q101


Similar Part No. - ATV04A5V0-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ATV02W100(B)-HF COMCHIP-ATV02W100(B)-HF Datasheet
111Kb / 5P
   SMD Transient Voltage Suppressor
ATV02W101(B)-HF COMCHIP-ATV02W101(B)-HF Datasheet
111Kb / 5P
   SMD Transient Voltage Suppressor
ATV02W110(B)-HF COMCHIP-ATV02W110(B)-HF Datasheet
111Kb / 5P
   SMD Transient Voltage Suppressor
ATV02W111(B)-HF COMCHIP-ATV02W111(B)-HF Datasheet
111Kb / 5P
   SMD Transient Voltage Suppressor
ATV02W120(B)-HF COMCHIP-ATV02W120(B)-HF Datasheet
111Kb / 5P
   SMD Transient Voltage Suppressor
More results

Similar Description - ATV04A5V0-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com