Electronic Components Datasheet Search
  English  ▼

X  

PIC1F628 Datasheet(PDF) 145 Page - Microchip Technology

Part # PIC1F628
Description  FLASH-Based 8-Bit CMOS Microcontroller
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC1F628 Datasheet(HTML) 145 Page - Microchip Technology

Back Button PIC1F628 Datasheet HTML 141Page - Microchip Technology PIC1F628 Datasheet HTML 142Page - Microchip Technology PIC1F628 Datasheet HTML 143Page - Microchip Technology PIC1F628 Datasheet HTML 144Page - Microchip Technology PIC1F628 Datasheet HTML 145Page - Microchip Technology PIC1F628 Datasheet HTML 146Page - Microchip Technology PIC1F628 Datasheet HTML 147Page - Microchip Technology PIC1F628 Datasheet HTML 148Page - Microchip Technology PIC1F628 Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 170 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS40300C-page 143
PIC16F62X
18.0 DC AND AC
CHARACTERISTICS GRAPHS
AND TABLES
In some graphs or tables, the data presented is outside
specified operating range (i.e., outside specified V
DD
range). This is for information only and devices are
ensured to operate properly only within the specified
range.
The data presented in this section is a statistical
summary of data collected on units from different lots
over a period of time and matrix samples. 'Typical'
represents the mean of the distribution at 25
°C. 'max or
min.' represents (mean + 3
σ) or (mean - 3σ)
respectively, where
σ is standard deviation, over the
whole temperature range.
FIGURE 18-1:
TYPICAL IDD VS FOSC OVER VDD – HS MODE
Note:
The graphs and tables provided in this sec-
tion are for design guidance and are not
tested.
Typical IDD vs FOSC over VDD
(HS mode)
0
1
2
3
4
5
6
4
6
8
1012
14161820
FOSC (MHz)
5.5V
5.0V
4.5V
4.0V
Typical:
statistical mean @ 25°C
Maximum: mean + 3σ (-40°C to 125°C)
Minimum: mean – 3σ (-40°C to 125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com