Electronic Components Datasheet Search
  English  ▼

X  

CF-3000-LOC-1 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # CF-3000-LOC-1
Description  Sleeve receiver for 1.0 mm짼 sleeves
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

CF-3000-LOC-1 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  CF-3000-LOC-1 Datasheet HTML 1Page - PHOENIX CONTACT CF-3000-LOC-1 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/1205655
08.08.2012   Page 2 / 2
Spare locator - CF 3000 LOC 1,0 - 1205655
Classifications
unspsc
UNSPSC 7.0901
27111518
UNSPSC 11
23171604
UNSPSC 12.01
27111518
UNSPSC 13.2
27111518
Approvals
Approvals
Approvals
GOST
Ex Approvals
Approvals submitted
Approval details
GOST 
© Phoenix Contact 2012 - all rights reserved
http://www.phoenixcontact.com


Similar Part No. - CF-3000-LOC-1

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CF-3000-LOC-0 PHOENIX-CF-3000-LOC-0 Datasheet
48Kb / 2P
Sleeve receiver for 0.5 mm짼 sleeves
CF-3000-LOC-2 PHOENIX-CF-3000-LOC-2 Datasheet
49Kb / 2P
Sleeve receiver for 2.5 mm짼 sleeves
More results

Similar Description - CF-3000-LOC-1

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QF-40-01 QUALTEK-QF-40-01 Datasheet
302Kb / 1P
Filter Media for QLM Sleeves
logo
Sensortechnics GmbH
AD1100-8TO SENSORTECHNICS-AD1100-8TO Datasheet
461Kb / 2P
APD with 1.0 mm짼 active area
logo
PHOENIX CONTACT
CF-3000-LOC-0 PHOENIX-CF-3000-LOC-0 Datasheet
48Kb / 2P
Sleeve receiver for 0.5 mm짼 sleeves
CF-3000-LOC-2 PHOENIX-CF-3000-LOC-2 Datasheet
49Kb / 2P
Sleeve receiver for 2.5 mm짼 sleeves
CF-3000-CG-1 PHOENIX-CF-3000-CG-1 Datasheet
45Kb / 2P
Replacement cable guide 1.0 mm짼, for sleeve feed CF 3000 HZG 1,0
CF-500LOC-SCF-2 PHOENIX-CF-500LOC-SCF-2 Datasheet
43Kb / 2P
Sleeve receiver for CF 500 crimping machine, for slip-on sleeves (SCF 2.8...), 0.1 - 1.5 mm짼, width: 2.8 mm,length 5 mm
CF-500LOC-SCF-4 PHOENIX-CF-500LOC-SCF-4 Datasheet
43Kb / 2P
Sleeve receiver for CF 500 crimping machine, for slip-on sleeves (SCF 4,8...), 0.5 - 2.5 mm짼, width: 4.8 mm
CF-500LOC-SCF-6 PHOENIX-CF-500LOC-SCF-6 Datasheet
43Kb / 2P
Sleeve receiver for CF 500 crimping machine, for slip-on sleeves (SCF 6,3...), 0.5 - 6 mm짼, width: 6.3 mm
0604707 PHOENIX-0604707 Datasheet
51Kb / 2P
Insulating sleeve, as touch protection, slide onto the conductor before for 6.3 slip-on sleeves
1406700 PHOENIX-1406700 Datasheet
49Kb / 2P
Insulating sleeve, as touch protection, slide onto the conductor before for 2.8 slip-on sleeves
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com