Electronic Components Datasheet Search
  English  ▼

X  

CRIMPFOX-M-SC-6-FL Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # CRIMPFOX-M-SC-6-FL
Description  Die, for CRIMPFOX-M, for uninsulated slip-on sleeves
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

CRIMPFOX-M-SC-6-FL Datasheet(HTML) 1 Page - PHOENIX CONTACT

  CRIMPFOX-M-SC-6-FL Datasheet HTML 1Page - PHOENIX CONTACT CRIMPFOX-M-SC-6-FL Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1212741
03/10/2016   Page 1 / 2
Replacement die - CRIMPFOX-M SC 6-FL/DIE - 1212741
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Die, for CRIMPFOX-M, for uninsulated slip-on sleeves
The figure shows a similar product
Product Features
Die for CRIMPFOX universal pliers
Key Commercial Data
Packing unit
1 pc
Custom tariff number
82032000
Country of origin
Sweden
Technical data
General
Compression
B crimp
Classifications
eCl@ss
eCl@ss 4.0
21040301
eCl@ss 4.1
21040301
eCl@ss 5.0
21040301
eCl@ss 5.1
21040301
eCl@ss 6.0
21043811
eCl@ss 7.0
21043811
eCl@ss 8.0
21049090
ETIM
ETIM 3.0
EC001186
ETIM 4.0
EC001282


Similar Part No. - CRIMPFOX-M-SC-6-FL

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CRIMPFOX-M-SC-6 PHOENIX-CRIMPFOX-M-SC-6 Datasheet
51Kb / 3P
Die, for Crimpfox-M, for non-insulated slip-on sleeves 0.5 - 6 mm짼, packed in a serial storage box
More results

Similar Description - CRIMPFOX-M-SC-6-FL

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CRIMPFOX-ZA3-1 PHOENIX-CRIMPFOX-ZA3-1 Datasheet
99Kb / 3P
Crimping pliers for non-insulated slip-on connection sleeves 2.8 and 4.8 mm
CRIMPFOX-M-SC-1 PHOENIX-CRIMPFOX-M-SC-1 Datasheet
51Kb / 3P
Die, for Crimpfox-M, for non-insulated slip-on sleeves 0.1 - 1 mm짼, packed in a serial storage box
CRIMPFOX-M-SC-6 PHOENIX-CRIMPFOX-M-SC-6 Datasheet
51Kb / 3P
Die, for Crimpfox-M, for non-insulated slip-on sleeves 0.5 - 6 mm짼, packed in a serial storage box
CF-500DIE-SC-1 PHOENIX-CF-500DIE-SC-1 Datasheet
44Kb / 2P
Die for crimping machine CF 500, for slip-on sleeves and flat connectors (C-SCF... and C-SCM...) 0.1-1.5 mm짼
CF-500DIE-SC-6 PHOENIX-CF-500DIE-SC-6 Datasheet
44Kb / 2P
Die for crimping machine CF 500, for slip-on sleeves and flat connectors (C-SCF... and C-SCM...) 0.5-6 mm짼
CRIMPFOX-CX-6 PHOENIX-CRIMPFOX-CX-6 Datasheet
46Kb / 2P
Spare die for CRIMPFOX-CX 6,48
CRIMPFOX-M-SCA-2 PHOENIX-CRIMPFOX-M-SCA-2 Datasheet
44Kb / 2P
Die, for CRIMPFOX-M, for uninsulated slip-on sleeves
1212080 PHOENIX-1212080 Datasheet
51Kb / 3P
Replacement die - CRIMPFOX-M 10/DIE
1212086 PHOENIX-1212086 Datasheet
49Kb / 3P
Replacement die - CRIMPFOX-M FO/DIE
1219092 PHOENIX-1219092 Datasheet
48Kb / 3P
Replacement die - CRIMPFOX-M HS/DIE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com