Electronic Components Datasheet Search
  English  ▼

X  

NSPG520S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NSPG520S
Description  LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NSPG520S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NSPG520S Datasheet HTML 1Page - List of Unclassifed Manufacturers NSPG520S Datasheet HTML 2Page - List of Unclassifed Manufacturers NSPG520S Datasheet HTML 3Page - List of Unclassifed Manufacturers NSPG520S Datasheet HTML 4Page - List of Unclassifed Manufacturers NSPG520S Datasheet HTML 5Page - List of Unclassifed Manufacturers NSPG520S Datasheet HTML 6Page - List of Unclassifed Manufacturers NSPG520S Datasheet HTML 7Page - List of Unclassifed Manufacturers NSPG520S Datasheet HTML 8Page - List of Unclassifed Manufacturers NSPG520S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
-1-
日亜化学工業(株)
STSE-CG2140B
<Cat.No.031212>
1.規
(1) 絶対最大定格
(Ta=25℃)
最大定格
単位
順電流
F
30
mA
パルス順電流
FP
100
mA
逆電圧
R
5
許容損失
D
120
mW
動作温度
opr
-30
+
85
保存温度
stg
-40
+ 100
半田付け温度
sld
265℃
10sec 以内
FP 条件 : パルス幅 ≦ 10ms,
デューティー比 ≦ 1/10
(2) 初期電気/光学特性
(Ta=25℃)
最小
標準
最大
単位
順電圧
F
F=20[mA]
3.5
4.0
逆電流
R
R= 5[V]
50
μA
ランク T
V
F=20[mA]
3320
3920
4600
mcd
ランク S
V
F=20[mA]
2300
2760
3320
mcd
光度
ランク R
V
F=20[mA]
1660
1960
2300
mcd
※ ランク分けにつきましては±10%の公差があります。
色度範囲
(IF=20mA,Ta=25℃)
ランク
ランク
x
0.14
0.14
0.22
0.22
x
0.21
0.21
0.28
0.28
y
0.64
0.74
0.74
0.64
y
0.65
0.73
0.73
0.65
※ ランク分けにつきましては±0.01 の公差があります。
※ 1 注文単位に対して上記の色調:2 ランク、光度:3 ランクを納入します。
但し、その納入比率は問わないものとします。
2.標準電気特性/光学特性
別紙参照下さい。
3.外形寸法/材質
別紙参照下さい。
材質 ; 樹脂
: エポキシ樹脂
リードフレーム : 銅合金+銀メッキ


Similar Part No. - NSPG520S

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPG520S NICHIA-NSPG520S Datasheet
266Kb / 15P
   GREEN LED
More results

Similar Description - NSPG520S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com