Electronic Components Datasheet Search
  English  ▼

X  

NSPG520S Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # NSPG520S
Description  LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NSPG520S Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  NSPG520S Datasheet HTML 1Page - List of Unclassifed Manufacturers NSPG520S Datasheet HTML 2Page - List of Unclassifed Manufacturers NSPG520S Datasheet HTML 3Page - List of Unclassifed Manufacturers NSPG520S Datasheet HTML 4Page - List of Unclassifed Manufacturers NSPG520S Datasheet HTML 5Page - List of Unclassifed Manufacturers NSPG520S Datasheet HTML 6Page - List of Unclassifed Manufacturers NSPG520S Datasheet HTML 7Page - List of Unclassifed Manufacturers NSPG520S Datasheet HTML 8Page - List of Unclassifed Manufacturers NSPG520S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
-3-
日亜化学工業(株)
STSE-CG2140B
<Cat.No.031212>
6.信頼性
(1) 試験項目と試験結果
試験項目
試験方法
試験条件
記事
故障数
はんだ耐熱性
JEITA ED-4701
300 302
Tsld=260±5℃,
10 秒
樹脂根元から3mm
1 回
0/100
はんだ付け性
JEITA ED-4701
300 303
Tsld=235±5℃,
5 秒
(フラックス使用)
1 回
95%以上
0/100
熱衝撃
JEITA ED-4701
300 307
0℃~100℃
15 秒
15 秒
100 サイクル
0/100
温度サイクル
JEITA ED-4701
100 105
-40℃~25℃~100℃~25℃
30 分
5 分 30 分
5 分
100 サイクル
0/100
温湿度サイクル
JEITA ED-4701
200 203
25℃(90%)~65℃(90%)~-10℃(90%)
24 時間/1 サイクル
10 サイクル
0/100
端子強度
曲げ
JEITA ED-4701
400 401
荷重 5N(0.5kgf)
0 ゚~90 ゚~ 0 ゚折曲げ 2 回
脱落、折損
なきこと
0/100
端子強度
引張り
JEITA ED-4701
400 401
荷重 10N(1kgf)
10±1 秒
脱落、折損
なきこと
0/100
高温保存
JEITA ED-4701
200 201
Ta=100℃
1000 時間
0/100
高温高湿保存
JEITA ED-4701
100 103
Ta=60℃,RH=90%
1000 時間
0/100
低温保存
JEITA ED-4701
200 202
Ta=-40℃
1000 時間
0/100
連続動作
Ta=25℃,
IF=30mA
1000 時間
0/100
高温高湿連続動作
60℃,RH=90%, IF=20mA
500 時間
0/100
低温連続動作
Ta=-30℃,
IF=20mA
1000 時間
0/100
(2) 故障判定基準
特性項目
記号
試 験 条 件
順電圧
F
IF=20mA
-
U.S.L.*)×1.1
逆電流
R
VR= 5V
-
U.S.L.*)×2.0
光度
V
IF=20mA
L.S.L.**)×0.7
-
*)U.S.L. : 規格最大値,
**)L.S.L. : 規格最小値


Similar Part No. - NSPG520S

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPG520S NICHIA-NSPG520S Datasheet
266Kb / 15P
GREEN LED
More results

Similar Description - NSPG520S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
LED
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
Infrarot-LED, Infrared-LED
logo
HB Electronic Component...
330IB7C HB-330IB7C Datasheet
210Kb / 3P
LED
330LW7C HB-330LW7C Datasheet
284Kb / 4P
LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com