Electronic Components Datasheet Search
  English  ▼

X  

NSPG520S Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # NSPG520S
Description  LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NSPG520S Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button NSPG520S Datasheet HTML 6Page - List of Unclassifed Manufacturers NSPG520S Datasheet HTML 7Page - List of Unclassifed Manufacturers NSPG520S Datasheet HTML 8Page - List of Unclassifed Manufacturers NSPG520S Datasheet HTML 9Page - List of Unclassifed Manufacturers NSPG520S Datasheet HTML 10Page - List of Unclassifed Manufacturers NSPG520S Datasheet HTML 11Page - List of Unclassifed Manufacturers NSPG520S Datasheet HTML 12Page - List of Unclassifed Manufacturers NSPG520S Datasheet HTML 13Page - List of Unclassifed Manufacturers NSPG520S Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
■ 指向特性 (NSPG520S)
放射角度
■ 順電流-主波長特性
■ 順電流-色度(主波長)特性
■ 周囲温度-主波長特性
■ 発光スペクトル
Ta=25℃
IF=20mA
0゚ 10゚ 20゚
30゚
40゚
50゚
60゚
70゚
80゚
90゚
1
0.5
0
0.5
0
30°
60°
90°
0.5
1
x
0
0.10 0.20 0.30 0.40 0.50
0.90
0.80
0.70
0.60
0.50
0.40
1mA(544nm)
5mA(536nm)
20mA
(525nm)
100mA(506nm)
50mA
(514nm)
Ta=25℃
Ta=25℃
IF=20mA
波長 λ
(nm)
400 450 500 550
650 700
600
1.2
1
0.8
0.4
0.2
0
0.6
順電流
IFP (mA)
15
10 20
100
50
555
545
535
515
505
495
525
Ta=25℃
周囲温度
Ta (℃)
020
60 80 100
40
-40 -20
531
527
525
519
529
523
521
IFP=20mA
日亜化学工業 (株)
NSPG520S
標準初期電気
/光学特性
型 名
名 称
010702103661
管理番号


Similar Part No. - NSPG520S

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPG520S NICHIA-NSPG520S Datasheet
266Kb / 15P
GREEN LED
More results

Similar Description - NSPG520S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
LED
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
Infrarot-LED, Infrared-LED
logo
HB Electronic Component...
330IB7C HB-330IB7C Datasheet
210Kb / 3P
LED
330LW7C HB-330LW7C Datasheet
284Kb / 4P
LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com