Electronic Components Datasheet Search
  English  ▼

X  

CDC303 Datasheet(PDF) 4 Page - Texas Instruments

Part # CDC303
Description  OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC303 Datasheet(HTML) 4 Page - Texas Instruments

  CDC303 Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 1 page
background image
CDC303
OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
SCAS323A – JULY 1990 – REVISED NOVEMBER 1995
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
CLK
Q
3.5 V
VOL
0.3 V
1.3 V
tsu
From Output
Under Test
LOAD CIRCUIT
Test Point
CLR
or
PRE
1.3 V
1.3 V
1.3 V
VOH
CL
(see Note A)
tPLH
tPHL
RL
tw
1.3 V
3.5 V
0 V
NOTES: A. CL includes probe and jig capacitance.
B. Input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, tr = 2.5 ns, tf = 2.5 ns.
Figure 1. Load Circuit and Voltage Waveforms



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com