Electronic Components Datasheet Search
  English  ▼

X  

SN74AS303 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74AS303
Description  OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS303 Datasheet(HTML) 3 Page - Texas Instruments

  SN74AS303 Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 1 page
background image
CDC303
OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
SCAS323A – JULY 1990 – REVISED NOVEMBER 1995
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = – 2 mA
VCC –2
V
VOH
VCC = 4.5 V,
IOH = – 24 mA
2
2.8
V
VOL
VCC = 4.5 V,
IOL = 48 mA
0.3
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
– 0.5
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
–50
– 150
mA
ICC
VCC = 5.5 V,
See Note 2
40
70
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
NOTE 2: ICC is measured with CLK and PRE grounded, then with CLK and CLR grounded.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
MIN
MAX
UNIT
fclock
Clock frequency
0
80
MHz
CLR or PRE low
5
tw
Pulse duration
CLK high
4
ns
CLK low
6
tsu
Setup time before CLK
↑
CLR or PRE inactive
6
ns
switching characteristics over recommended operating free-air temperature range (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
MAX
UNIT
fmax§
80
MHz
tPLH
CLK
QQ
RL = 500 Ω
CL =50 pF
2
9
ns
tPHL
CLK
Q, Q
RL = 500 Ω,
CL = 50 pF
2
9
ns
tPLH
PRE or CLR
QQ
RL = 500 Ω
CL =50 pF
3
12
ns
tPHL
PRE or CLR
Q, Q
RL = 500 Ω,
CL = 50 pF
3
12
ns
Q
R
500
Ω
C
10F t30F
1
tsk(o)
CLK
Q
RL = 500 Ω,
See Figure 2
CL = 10 pF to 30 pF,
1
ns
()
Q, Q
See Figure 2
2
tsk(p)
CLK
Q, Q
RL = 500 Ω,
CL = 10 pF to 30 pF
1
ns
tr
4.5
ns
tf
3.5
ns
§ fmax minimum values are at CL = 0 to 30 pF.



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com