Electronic Components Datasheet Search
  English  ▼

X  

AM6548 Datasheet(PDF) 251 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 251 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 247Page - Texas Instruments AM6548 Datasheet HTML 248Page - Texas Instruments AM6548 Datasheet HTML 249Page - Texas Instruments AM6548 Datasheet HTML 250Page - Texas Instruments AM6548 Datasheet HTML 251Page - Texas Instruments AM6548 Datasheet HTML 252Page - Texas Instruments AM6548 Datasheet HTML 253Page - Texas Instruments AM6548 Datasheet HTML 254Page - Texas Instruments AM6548 Datasheet HTML 255Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 299 page
background image
251
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
6.10 DMA Controllers
6.10.1 PDMA Controller
The Peripheral DMA is a simple DMA which has been architected to specifically meet the data transfer
needs of peripherals, which perform data transfers using memory mapped registers accessed via a
standard non-coherent bus fabric. The PDMA module is intended to be located close to one or more
peripherals which require an external DMA for data movement and is architected to reduce cost by using
VBUSP interfaces and supporting only statically configured Transfer Request (TR) operations.
The PDMA is only responsible for performing the data movement transactions which interact with the
peripherals themselves. Data which is read from a given peripheral is packed by a PDMA source channel
into a PSI-L data stream which is then sent to a remote peer UDMA-P destination channel which then
performs the movement of the data into memory. Likewise, a remote UDMA-P source channel fetches
data from memory and transfers it to a peer PDMA destination channel over PSI-L which then performs
the writes to the peripheral.
The PDMA architecture is intentionally heterogeneous (UDMA-P + PDMA) to right size the data transfer
complexity at each point in the system to match the requirements of whatever is being transferred to or
from. Peripherals are typically FIFO based and do not require multi-dimensional transfers beyond their
FIFO dimensioning requirements, so the PDMA transfer engines are kept simple with only a few
dimensions (typically for sample size and FIFO depth), hardcoded address maps, and simple triggering
capabilities.
Multiple source and destination channels are provided within the PDMA which allow multiple simultaneous
transfer operations to be ongoing. The DMA controller maintains state information for each of the channels
and employs round-robin scheduling between channels in order to share the underlying DMA hardware.
There are five PDMA modules in the device.
6.10.1.1 PDMA Features
6.10.1.1.1 MCU_PDMA0 Features
The MCU domain PDMA0 supports the following features:
•
Implements CPPI 5.0 compliant third-party Unified Transfer Controller (UTC)
•
Provides 0 memory write access units
•
Provides 1 memory read access unit (Read Unit 0):
–
Supports 1 outstanding read per interface (VBUSP)
–
Supports read burst up to 32 bytes (limited by Rx Per-Channel FIFO depth)
–
Provides a 32-bit wide VBUSP read only master interface for peripheral accesses
•
Supports up to 0 simultaneous destination (Tx) channels
•
Supports up to 4 simultaneous source (Rx) channels
•
Supports static Transfer Requests (TRs) only
•
Supports MCAN special transfer mode
•
Provides per-channel buffering:
–
Provides 8x128-bit word deep data FIFO for each destination channel
–
Provides 8x128-bit word deep data FIFO for each source channel
–
Provides 128-bit wide PSI-L compliant data interface to remote UDMA and remote peripherals
–
Includes 1 output event transport lane
–
Provides 128-bit wide PSI-L compliant data interface from remote UDMA and remote peripherals
–
Includes 1 input event transport lane
6.10.1.1.2 MCU_PDMA1 Features
The MCU domain PDMA1 supports the following features:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com