Electronic Components Datasheet Search
  English  ▼

X  

AM6528 Datasheet(PDF) 125 Page - Texas Instruments

Click here to check the latest version.
Part # AM6528
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6528 Datasheet(HTML) 125 Page - Texas Instruments

Back Button AM6528 Datasheet HTML 121Page - Texas Instruments AM6528 Datasheet HTML 122Page - Texas Instruments AM6528 Datasheet HTML 123Page - Texas Instruments AM6528 Datasheet HTML 124Page - Texas Instruments AM6528 Datasheet HTML 125Page - Texas Instruments AM6528 Datasheet HTML 126Page - Texas Instruments AM6528 Datasheet HTML 127Page - Texas Instruments AM6528 Datasheet HTML 128Page - Texas Instruments AM6528 Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 299 page
background image
125
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Table 5-7. Analog ADC Buffers DC Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
NOM
MAX
UNIT
BALL NAMES in Mode 0: MCU_ADC0_AIN[7:0] / MCU_ADC0_REFP/N / MCU_ADC1_AIN[7:0] / MCU_ADC1_REFP/N
BALL NUMBERS: F4 / F5 / G3 / G4 / G5 / G6 / H2 / H3 / H4 / H5 / J1 / J2 / J3 / J4 / J5 / J6 / K2 / K3 / K4 / K5
Analog Input
VIN
Full-scale Input Range
Single Ended mode
0.5
1.8
V
Differential Mode
1
3.6
V
VREF
Voltage reference
Should be less than or equal to
VDDA_MCU_ADC0/1.
1.8
V
DNL
Differential Non-Linearity
-1
0.5
1
LSB
INL
Integral Non-Linearity
MCU_ADC0/1_REFP =
VDDA_MCU_ADC0/1
±1
±2
LSB
LSBGAIN-ERROR
Gain Error
MCU_ADC0/1_REFP =
VDDA_MCU_ADC0/1
±2
LSB
LSBOFFSET-ERROR Offset Error
MCU_ADC0/1_REFP =
VDDA_MCU_ADC0/1
±2
LSB
CIN
Input Sampling Capacitance
5.5
pF
FC
Input Frequency MCU_ADC0/1_AIN[7:0]
TBD
TBD
kHz
SNR
Signal-to-Noise Ratio
Input Signal: 200 kHz sine wave at -0.5
dB Full Scale
70
dB
THD
Total Harmonic Distortion
1.7 Vpp, 200 kHz sine wave
75
dB
SFDR
Spurious Free Dynamic Range
1.7 Vpp, 200 kHz sine wave
80
dB
SNR(PULSE)
Signal-to-Noise Plus Distortion
1.7 Vpp, 200 kHz sine wave
69
dB
RVREF
VREF Input Impedance
2.2
kΩ
Sampling Dynamics
tSS
Time from Start to Start
TBD
Clock
Cycles
tC
Conversion Time
14
15
Clock
Cycles
tACQ
Acquisition time
TBD
Clock
Cycles
TR
Throughput Rate
CLK = 60 MHz
4
MSPS
CCISO
Channel to Channel Isolation
100
dB
F ADC
ADC Clock Frequency
60
60
MHz
Table 5-8. OLDI LVDS Buffers DC Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
Test Conditions
MIN
TYP
MAX
UNIT
1.8-V MODE
BALL NAMES in Mode 0: OLDI0_A0P/N / OLDI0_A1P/N / OLDI0_A2P/N / OLDI0_A3P/N / OLDI0_CLKP/N
BALL NUMBERS: J24 / J26 / J28 / K24 / K25 / K26 / K27 / K28 / L25 / L27
OLDI LVDS TRANSMITTER
VOH
High Level Output Voltage
RL=100Ω
1.3
1.6
V
VOL
Low Level Output Voltage
0.9
1.01
V
VCM
Common Mode Voltage (OLDI)
1.125
1.25
1.375
V
Common Mode Voltage (sub-LVDS)
0.9
V
VOD
Differential Output Voltage
250
380
450
mV
Reduced Differential Output Voltage
100
200
300
mV
IOS
Output Short Circuit Current
PAD/PADN=0, RL=100Ω
-5
mA
IOZ
Output Tri-State Current
PAD/PADN = 0/VDDS
-10
4
40
µA
TRF
Rise/Fall Delay Time
from 20% to 80%
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com