Electronic Components Datasheet Search
  English  ▼

X  

LDS8680 Datasheet(PDF) 10 Page - IXYS Corporation

Part # LDS8680
Description  800 mA White LED Driver for Photo Flash
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8680 Datasheet(HTML) 10 Page - IXYS Corporation

Back Button LDS8680 Datasheet HTML 4Page - IXYS Corporation LDS8680 Datasheet HTML 5Page - IXYS Corporation LDS8680 Datasheet HTML 6Page - IXYS Corporation LDS8680 Datasheet HTML 7Page - IXYS Corporation LDS8680 Datasheet HTML 8Page - IXYS Corporation LDS8680 Datasheet HTML 9Page - IXYS Corporation LDS8680 Datasheet HTML 10Page - IXYS Corporation LDS8680 Datasheet HTML 11Page - IXYS Corporation LDS8680 Datasheet HTML 12Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LDS8680
© 2009 IXYS Corp.
10
Doc. No. 8680_DS, Rev. N1.0
Characteristics subject to change without notice
PACKAGE DRAWING AND DIMENSIONS
8-PIN TDFN (HV3), 2mm x 3mm, 0.5mm PITCH
SYMBOL
MIN
NOM
MAX
A
0.700
0.750
0.800
A1
-
0.000
0.050
A2
0.203 Ref.
b
0.180
0.230
0.280
D
2.950
3.000
3.050
D1
1.750
1.800
1.850
E
1.950
2.000
2.050
E1
1.550
1.600
1.650
e
0.500 Bsc
L
0.350
0.400
0.450
Note:
1.
All dimensions are in millimeters
2.
Complies with JEDEC Standard MO-220


Similar Part No. - LDS8680

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8681 IXYS-LDS8681 Datasheet
396Kb / 9P
   800 mA, Dual Output LED Flash/PWM Dimming Lamp Driver
More results

Similar Description - LDS8680

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN10712 PHILIPS-AN10712_15 Datasheet
219Kb / 14P
   Photo flash LED driver
Rev. 1-28 October 2011
logo
IXYS Corporation
LDS8681 IXYS-LDS8681 Datasheet
396Kb / 9P
   800 mA, Dual Output LED Flash/PWM Dimming Lamp Driver
logo
NXP Semiconductors
SSL3250A NXP-SSL3250A Datasheet
147Kb / 26P
   Photo flash dual LED driver
Rev. 03-30 June 2009
SSL3250A_0912 NXP-SSL3250A_0912 Datasheet
230Kb / 26P
   Photo flash dual LED driver
Rev. 05-16 December 2009
logo
ON Semiconductor
CAT3612 ONSEMI-CAT3612 Datasheet
171Kb / 13P
   Programmable 300 mA Camera Flash LED Driver
April, 2010 ??Rev. 2
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291 Datasheet
107Kb / 9P
   1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291 MICREL-MIC2291_07 Datasheet
709Kb / 10P
   1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291 MICREL-MIC2291_11 Datasheet
710Kb / 10P
   1.2A PWM Boost Regulator Photo Flash LED Driver
logo
ON Semiconductor
NCP5050 ONSEMI-NCP5050 Datasheet
161Kb / 14P
   4.5 W Flash White LED Boost Driver
October, 2007 - Rev. 0
logo
List of Unclassifed Man...
SLSNNWH834TS ETC2-SLSNNWH834TS Datasheet
565Kb / 15P
   WHITE FLASH LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com