Electronic Components Datasheet Search
  English  ▼

X  

LDS8720 Datasheet(PDF) 1 Page - IXYS Corporation

Part # LDS8720
Description  184 WLED Matrix Driver with Boost Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8720 Datasheet(HTML) 1 Page - IXYS Corporation

  LDS8720 Datasheet HTML 1Page - IXYS Corporation LDS8720 Datasheet HTML 2Page - IXYS Corporation LDS8720 Datasheet HTML 3Page - IXYS Corporation LDS8720 Datasheet HTML 4Page - IXYS Corporation LDS8720 Datasheet HTML 5Page - IXYS Corporation LDS8720 Datasheet HTML 6Page - IXYS Corporation LDS8720 Datasheet HTML 7Page - IXYS Corporation LDS8720 Datasheet HTML 8Page - IXYS Corporation LDS8720 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LDS8720
© 2011 IXYS Corp.
1
Doc. No. 8720DS, Rev. N1.1
Characteristics subject to change without notice
184 WLED Matrix Driver with Boost Converter
FEATURES
 High efficiency boost converter with the input
voltage range from 2.7 to 5.5 V
 No external Schottky Required (Internal
synchronous rectifier)
 250 mV current sense voltage
 Drives up to 10 LEDs per string
 More than 180 LEDs in matrix
 0.7 MHz Switching Frequency
 Efficiency greater than 83%
 PWM LED Dimming Control Mode
 Over-voltage, under-voltage, over-current,
and over-temperature protection
 Low Shutdown Current (<1µA)
 Available in 2 x 3 x 0.8 mm 8-pin TDFN
package
APPLICATION
 Color Display Backlight
 Portable Navigation and GPS Receivers
 Smart phones
 Digital Photo Frames
 Portable DVD Players
 Architectural Lighting
DESCRIPTION
The LDS8720 is a fixed frequency current mode
boost converter with internal synchronous rectifier
and cycle-by-cycle switch current limit specifically
designed to drive matrix of LEDs in respect with the
Table 1. Operation at 0.7 MHz allows use of small
value low profile inductor (10 – 33 µH) and 1 µF 50 V
ceramic capacitor.
TYPICAL APPLICATION CIRCUIT
The use of integrated synchronous rectifier makes
the
efficiency dependent
on
only inductor DC
resistance. Under-voltage protection disables the part
when VIN voltage reaches 2.0 V.
PVIN voltage may be set equal VIN voltage or higher
up to 15 V to increase power capability of the driver.
Maximum number of LEDs in matrix depends on this
voltage as shown in the table below.
The LDS8720 has thermal shutdown set at 150
0C.
Above
this
value ,
the
boost
converter
stops
switching. The part resumes normal operations when
temperature drops below 130
0C.
The over-current protection provides cycle-by-cycle
current limit.
The internal output over-voltage protection prevents
damage in the case of a faulty LED disconnect.
The PWM control ensures brightness adjustment with
a frequency from 100 Hz up to 30 KHz.
The EN/PWM logic input functions as a chip enable
and LED current PWM contol pin.
The device is available in 8-pin TDFN 2 x 3 mm
package with a max height of 0.8 mm.
Table 1 Matrix configuration for LDS8720
PVIN MIN, V
Number of
LED per string
String
Current
max, mA,
Number
of strings
2.7
10
30
1 – 3
3.0
10
30
1 – 4
4.0
10
30
1 – 5
5.0
10
30
1 – 6
7.5
10
30
1 – 9
10
10
30
1 – 12
12.5
10
30
1 – 15
15
10
30
1 – 18
15
8
30
1 – 23


Similar Part No. - LDS8720

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
LDS8724008T2-200 IXYS-LDS8724008T2-200 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
More results

Similar Description - LDS8720

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
   1.7A Boost WLED Driver
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
   Asynchronies Boost WLED Driver
VER 1.1
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371_10 Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
logo
Eutech Microelectronics...
EUP2538 EUTECH-EUP2538 Datasheet
264Kb / 11P
   10X2 Strings WLED Boost Converter
logo
Taiwan Semiconductor Co...
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com