Electronic Components Datasheet Search
  English  ▼

X  

LDS8726 Datasheet(PDF) 1 Page - IXYS Corporation

Part # LDS8726
Description  49 WLED Driver with Boost Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8726 Datasheet(HTML) 1 Page - IXYS Corporation

  LDS8726 Datasheet HTML 1Page - IXYS Corporation LDS8726 Datasheet HTML 2Page - IXYS Corporation LDS8726 Datasheet HTML 3Page - IXYS Corporation LDS8726 Datasheet HTML 4Page - IXYS Corporation LDS8726 Datasheet HTML 5Page - IXYS Corporation LDS8726 Datasheet HTML 6Page - IXYS Corporation LDS8726 Datasheet HTML 7Page - IXYS Corporation LDS8726 Datasheet HTML 8Page - IXYS Corporation LDS8726 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LDS8726
© 2010 IXYS Corp.
1
Doc. No. 8726DS, Rev. N1.0
Characteristics subject to change without notice
49 WLED Driver with Boost Converter
FEATURES
 High efficiency boost converter with the input
voltage range from 2.7 to 5.5 V
 No external Schottky Required (Internal
synchronous rectifier*)
 250 mV current sense voltage
 Drives up to 7 LEDs per string with up to 49
LED in 7 strings at 25 mA
 1 MHz Switching Frequency
 Efficiency greater than 83%
 PWM LED Dimming Control Mode
 Over-voltage, under-voltage, over-current,
and over-temperature protection
 Low Shutdown Current (<1µA)
 Available in 2 x 3 x 0.8 mm 8-pin TDFN
package
APPLICATION
 Color Display Backlight
 Portable Navigation and GPS Receivers
 Smart phones
 Digital Photo Frames
 Portable DVD Players, Notebooks
DESCRIPTION
The LDS8726 is a fixed frequency current mode
boost converter with internal synchronous rectifier
and cycle-by-cycle switch current limit specifically
designed to drive matrix of LEDs in respect with the
Table 1. Operation at 1 MHz allows use of small
value low profile inductor (10 – 33 µH) and 1 µF 50 V
ceramic capacitor.
The use of integrated synchronous rectifier makes
the
efficiency dependent
on
only inductor DC
resistance. Under-voltage protection disables the part
when VIN voltage reaches 2.0 V
The LDS8726 has thermal shutdown set at 150
0C.
Above
this
value ,
the
boost
converter
stops
switching. The part resumes normal operations when
temperature drops below 130
0C.
The over-current protection provides cycle-by-cycle
current limit.
The internal output over-voltage protection prevents
damage in the case of a faulty LED disconnect.
The PWM control ensures brightness adjustment with
a frequency from 100 Hz up to 30 KHz.
The EN/PWM logic input functions as a chip enable
and LED current PWM contol pin.
The device is available in 8-pin TDFN 2 x 3 mm
package with a max height of 0.8 mm.
Table 1 Matrix configuration for LDS8726
Number of
strings
Number of
LED per string
String
Current
max, mA,
VIN MIN, V
1 - 5
7
30
2.7
6
7
30
3.3
6
7
25
2.7
7
7
25
3.1
7
6
25
2.7
8
5
25
2.7
TYPICAL APPLICATION CIRCUIT
*) Patent pending


Similar Part No. - LDS8726

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8720 IXYS-LDS8720 Datasheet
475Kb / 10P
   184 WLED Matrix Driver with Boost Converter
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
LDS8724008T2-200 IXYS-LDS8724008T2-200 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
More results

Similar Description - LDS8726

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
LDS8720 IXYS-LDS8720 Datasheet
475Kb / 10P
   184 WLED Matrix Driver with Boost Converter
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
   1.7A Boost WLED Driver
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
   Asynchronies Boost WLED Driver
VER 1.1
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371_10 Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
logo
Eutech Microelectronics...
EUP2538 EUTECH-EUP2538 Datasheet
264Kb / 11P
   10X2 Strings WLED Boost Converter
logo
Taiwan Semiconductor Co...
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com