Electronic Components Datasheet Search
  English  ▼

X  

LDS8726 Datasheet(PDF) 4 Page - IXYS Corporation

Part # LDS8726
Description  49 WLED Driver with Boost Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8726 Datasheet(HTML) 4 Page - IXYS Corporation

  LDS8726 Datasheet HTML 1Page - IXYS Corporation LDS8726 Datasheet HTML 2Page - IXYS Corporation LDS8726 Datasheet HTML 3Page - IXYS Corporation LDS8726 Datasheet HTML 4Page - IXYS Corporation LDS8726 Datasheet HTML 5Page - IXYS Corporation LDS8726 Datasheet HTML 6Page - IXYS Corporation LDS8726 Datasheet HTML 7Page - IXYS Corporation LDS8726 Datasheet HTML 8Page - IXYS Corporation LDS8726 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LDS8726
© 2010 IXYS Corp.
4
Doc. No. 8726DS, Rev. N1.0
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
Vin = 3.6V, IOUT = 30mA (1 string with 7 LEDs, CIN = 1 μF, COUT = 1μF, L = 22 µH, TAMB = 25°C unless otherwise specified
Waveforms at PWM LED Current Regulation
Ch 1 (yellow) – PWM signal at 1 kHz 5% duty cycle
C2 (green) – SW node voltage, Ch 3(red) – LED Current.
Ch4 (blue) - VOUT
Waveforms at PWM LED Current Regulation
Ch 1 (yellow) – PWM signal at 1 kHz 98% duty cycle
C2 (green) – SW node voltage, Ch 3(red) – LED Current.
Ch4 (blue) - VOUT
Waveforms at PWM LED Current Regulation
Ch 1 (yellow) – PWM signal at 30 kHz 25% duty cycle
C2 (green) – SW node voltage, Ch 3(red) – LED Current.
Ch4 (blue) - VOUT
Waveforms at PWM LED Current Regulation
Ch 1 (yellow) – PWM signal at 30 kHz 98% duty cycle
C2 (green) – SW node voltage, Ch 3(red) – LED Current.
Ch4 (blue) - VOUT


Similar Part No. - LDS8726

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8720 IXYS-LDS8720 Datasheet
475Kb / 10P
   184 WLED Matrix Driver with Boost Converter
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
LDS8724008T2-200 IXYS-LDS8724008T2-200 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
More results

Similar Description - LDS8726

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
LDS8720 IXYS-LDS8720 Datasheet
475Kb / 10P
   184 WLED Matrix Driver with Boost Converter
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
   1.7A Boost WLED Driver
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
   Asynchronies Boost WLED Driver
VER 1.1
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371_10 Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
logo
Eutech Microelectronics...
EUP2538 EUTECH-EUP2538 Datasheet
264Kb / 11P
   10X2 Strings WLED Boost Converter
logo
Taiwan Semiconductor Co...
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com