Electronic Components Datasheet Search
  English  ▼

X  

LDS8726 Datasheet(PDF) 7 Page - IXYS Corporation

Part # LDS8726
Description  49 WLED Driver with Boost Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8726 Datasheet(HTML) 7 Page - IXYS Corporation

Back Button LDS8726 Datasheet HTML 2Page - IXYS Corporation LDS8726 Datasheet HTML 3Page - IXYS Corporation LDS8726 Datasheet HTML 4Page - IXYS Corporation LDS8726 Datasheet HTML 5Page - IXYS Corporation LDS8726 Datasheet HTML 6Page - IXYS Corporation LDS8726 Datasheet HTML 7Page - IXYS Corporation LDS8726 Datasheet HTML 8Page - IXYS Corporation LDS8726 Datasheet HTML 9Page - IXYS Corporation LDS8726 Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LDS8726
© 2010 IXYS Corp.
7
Doc. No. 8726DS, Rev. N1.0
Characteristics subject to change without notice
If the input supply voltage falls below the under-
voltage threshold, switch is disabled, and the device
enters shutdown mode.
LED Selection
The number of the LEDs in string is limited by
maximum output voltage that cannot exceed over-
voltage protection level. We recommend using not
more than 10 LEDs with VF ≤3.6 V in string if VIN
voltage is above 3.0 V and not more that 8 LEDs if
VIN may fall up to 2.7 V.
External Components Selection
The LDS8726 requires four external components
only. The recommended input capacitor value is
between 1.0 and 10uF, while the output capacitor
selection is function of desired output ripple, loop
stability, and inrush current. We recommend COUT =
1 µF.
The inductor should allow around 20% higher peak
current than LDS8726 Switch Current Limit ILIM (see
table Electrical Operating Characteristics on page 2).
However,
the
maximum
ripple
current
through
inductor IR should not exceed
IN
d
F
LED
LIM
R
V
V
NV
I
I
I
2
, where
VF - is a LED forward voltage, V
N – is number of LEDs per string
Vd - is a current regulator voltage drop = 0.2 V,
VIN - is an input voltage, V
We recommend continuous conduction mode for
inductor to achieve highest efficiency. That limits IR
value as
IN
d
F
LED
R
V
V
NV
I
I
2
Inductor value L is a function of switching frequency,
input and output voltage and is determined by
following equation:
IN
IN
PM
d
F
R
V
V
V
V
NV
f
I
L
1
1
1
, where
VPM - is a voltage drop across synchronous rectifier
(PMOSFET) = 1.5 ohms x ILED, (A),
L - is an inductance, H, and
f - is a switching frequency, 700 kHz.
Inductor should have minimum DC resistance to
avoid driver’s efficiency degradation.
The equation for the output capacitor selection is:
f
V
V
NV
I
V
V
NV
C
R
d
F
OUT
IN
d
F
OUT
)
(
)
(
, where
VR – is a ripple voltage at the output.
For example:
If VIN = 2.7 V, N = 7, VF = 3.3 V, Vd = 0.25 V, f =
1 MHz, IOUT = 90 mA, (3 strings in parallel x 30 mA)
and ripple voltage VR = 0.1 V, COUT = 0.63 µF so
1 µF is a good choice.
We recommend COUT = 1 µF to achieve better
efficiency and driver’s stability.
Recommended Layout
In active mode, the driver switches internally at a high
frequency. We recommend minimize trace length to
all external capacitors and inductor. The input and
output ceramic capacitors (X5R or X7R type) should
located as close to the device’ pins as possible to
prevent from EMI distribution
A ground plane should cover the area under the
driver IC as well as the bypass capacitors. Short
connection to ground on capacitors CIN and COUT can
be implemented with the use of multiple via. A copper
area matching the TDFN exposed pad (PAD) must
be connected to the ground plane underneath. The
use of multiple via improves the package heat
dissipation.
Figure 3. Recommended layout
.


Similar Part No. - LDS8726

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8720 IXYS-LDS8720 Datasheet
475Kb / 10P
   184 WLED Matrix Driver with Boost Converter
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
LDS8724008T2-200 IXYS-LDS8724008T2-200 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
More results

Similar Description - LDS8726

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
LDS8720 IXYS-LDS8720 Datasheet
475Kb / 10P
   184 WLED Matrix Driver with Boost Converter
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
   1.7A Boost WLED Driver
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
   Asynchronies Boost WLED Driver
VER 1.1
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371_10 Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
logo
Eutech Microelectronics...
EUP2538 EUTECH-EUP2538 Datasheet
264Kb / 11P
   10X2 Strings WLED Boost Converter
logo
Taiwan Semiconductor Co...
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com