Electronic Components Datasheet Search
  English  ▼

X  

LDS8846 Datasheet(PDF) 1 Page - IXYS Corporation

Part # LDS8846
Description  4-Channel Ultra Low Dropout No Noise LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8846 Datasheet(HTML) 1 Page - IXYS Corporation

  LDS8846 Datasheet HTML 1Page - IXYS Corporation LDS8846 Datasheet HTML 2Page - IXYS Corporation LDS8846 Datasheet HTML 3Page - IXYS Corporation LDS8846 Datasheet HTML 4Page - IXYS Corporation LDS8846 Datasheet HTML 5Page - IXYS Corporation LDS8846 Datasheet HTML 6Page - IXYS Corporation LDS8846 Datasheet HTML 7Page - IXYS Corporation LDS8846 Datasheet HTML 8Page - IXYS Corporation LDS8846 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LDS8846
© 2009 IXYS Corp.
1
Doc. No. 8845DS, Rev. N1.6
Characteristics subject to change without notice
4-Channel Ultra Low Dropout No Noise LED Driver
FEATURES
o
Ultra-low dropout PowerLite
™ Current
Regulator*
o
Drives up to 4 LEDs at 30 mA each
o
PWM brightness control
o
Power efficiency > 95%
o
Low input noise & ripple
o
Low current shutdown mode
o
Load disconnect in shutdown mode
o
Short circuit protection
o
Thermal shutdown protection
o
Available in 4 x 4 x 0.8 mm and 3 x 3 x 0.8 mm
16-pin TQFN packages
APPLICATION
o
Keypad and Display Backlight
o
Cellular Phones
o
Digital Still Cameras
o
PDAs and Smartphones
DESCRIPTION
The LDS8846 is a high efficiency ultra-low dropout
current regulator that can drive up to four LEDs. The
LED current is easily adjustable by an external
resistor up to 30 mA per channel.
The CTRL0, CTRL1, and CTRL2 logic inputs function
as a LED enable and a PWM mode LED brightness
control.
The driver supports a wide range of input voltages
from 2.7 V to 5.5 V.
The thermal and short circuit protection guarantee
high device reliability.
The device is available in a 16-lead TQFN 4 x 4 mm
and 3 x 3 mm packages with a max height of 0.8 mm
.
.
TYPICAL APPLICATION CIRCUIT


Similar Part No. - LDS8846

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8845 IXYS-LDS8845 Datasheet
369Kb / 12P
4-Channel Ultra Low Dropout No Noise LED Driver
More results

Similar Description - LDS8846

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7611A SIPEX-SP7611A_07 Datasheet
687Kb / 14P
2-4 Channel Low Dropout Linear LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1303 YOBON-YB1303 Datasheet
443Kb / 8P
Low Dropout LED Driver
logo
ON Semiconductor
NCV8752 ONSEMI-NCV8752_16 Datasheet
1Mb / 21P
Ultra-Low Noise, Low Dropout Regulator
January, 2016 ??Rev. 1
logo
SG Micro Corp
SGM3132 SGMICRO-SGM3132_16 Datasheet
3Mb / 11P
4-Channel 1-Wire Dimming LED Driver with Ultra-Low Dropout Current Source
logo
IXYS Corporation
LDS8845 IXYS-LDS8845 Datasheet
369Kb / 12P
4-Channel Ultra Low Dropout No Noise LED Driver
LDS8865 IXYS-LDS8865 Datasheet
402Kb / 12P
6-Channel Ultra Low Dropout LED Driver
LDS8866 IXYS-LDS8866 Datasheet
368Kb / 12P
6-Channel Ultra Low Dropout LED Driver
LDS8868 IXYS-LDS8868 Datasheet
440Kb / 14P
6-Channel Ultra Low Dropout LED Driver
LDS8869 IXYS-LDS8869 Datasheet
474Kb / 14P
6-Channel Ultra Low Dropout LED Driver
logo
Shanghai awinic technol...
AW9364 AWINIC-AW9364 Datasheet
821Kb / 14P
4-Channel 1-wire Dimming LED Driver with Ultra Low Dropout Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com