Electronic Components Datasheet Search
  English  ▼

X  

LDS8846 Datasheet(PDF) 10 Page - IXYS Corporation

Part # LDS8846
Description  4-Channel Ultra Low Dropout No Noise LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8846 Datasheet(HTML) 10 Page - IXYS Corporation

Back Button LDS8846 Datasheet HTML 4Page - IXYS Corporation LDS8846 Datasheet HTML 5Page - IXYS Corporation LDS8846 Datasheet HTML 6Page - IXYS Corporation LDS8846 Datasheet HTML 7Page - IXYS Corporation LDS8846 Datasheet HTML 8Page - IXYS Corporation LDS8846 Datasheet HTML 9Page - IXYS Corporation LDS8846 Datasheet HTML 10Page - IXYS Corporation LDS8846 Datasheet HTML 11Page - IXYS Corporation LDS8846 Datasheet HTML 12Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LDS8846
© 2009 IXYS Corp.
10
Doc. No. 8846DS, Rev. N1.6
Characteristics subject to change without notice
16-PIN TQFN, 4mm x 4mm, 0.65mm PITCH
SYMBOL
MIN
NOM
MAX
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
A2
0.178
0.203
0.228
b
0.28
0.33
0.38
D
3.90
4.00
4.10
D1
2.35
2.40
2.45
E
3.90
4.00
4.10
E1
2.35
2.40
2.45
e
0.65 typ
L
0.55
0.60
0.65
Note:
3.
All dimensions are in millimeters
4.
Complies with JEDEC Standard MO-220


Similar Part No. - LDS8846

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8845 IXYS-LDS8845 Datasheet
369Kb / 12P
   4-Channel Ultra Low Dropout No Noise LED Driver
More results

Similar Description - LDS8846

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8845 IXYS-LDS8845 Datasheet
369Kb / 12P
   4-Channel Ultra Low Dropout No Noise LED Driver
LDS8865 IXYS-LDS8865 Datasheet
402Kb / 12P
   6-Channel Ultra Low Dropout LED Driver
LDS8869 IXYS-LDS8869 Datasheet
474Kb / 14P
   6-Channel Ultra Low Dropout LED Driver
LDS8866 IXYS-LDS8866 Datasheet
368Kb / 12P
   6-Channel Ultra Low Dropout LED Driver
LDS8868 IXYS-LDS8868 Datasheet
440Kb / 14P
   6-Channel Ultra Low Dropout LED Driver
logo
Sipex Corporation
SP7611A SIPEX-SP7611A_07 Datasheet
687Kb / 14P
   2-4 Channel Low Dropout Linear LED Driver
logo
SG Micro Corp
SGM3132 SGMICRO-SGM3132_16 Datasheet
3Mb / 11P
   4-Channel 1-Wire Dimming LED Driver with Ultra-Low Dropout Current Source
logo
Shanghai awinic technol...
AW9364 AWINIC-AW9364 Datasheet
821Kb / 14P
   4-Channel 1-wire Dimming LED Driver with Ultra Low Dropout Current Source
logo
ON Semiconductor
NCV8752 ONSEMI-NCV8752_16 Datasheet
1Mb / 21P
   Ultra-Low Noise, Low Dropout Regulator
January, 2016 ??Rev. 1
logo
YOBON TECHNOLOGIES,INC.
YB1303 YOBON-YB1303 Datasheet
443Kb / 8P
   Low Dropout LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com