Electronic Components Datasheet Search
  English  ▼

X  

LDS8846 Datasheet(PDF) 11 Page - IXYS Corporation

Part # LDS8846
Description  4-Channel Ultra Low Dropout No Noise LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8846 Datasheet(HTML) 11 Page - IXYS Corporation

Back Button LDS8846 Datasheet HTML 4Page - IXYS Corporation LDS8846 Datasheet HTML 5Page - IXYS Corporation LDS8846 Datasheet HTML 6Page - IXYS Corporation LDS8846 Datasheet HTML 7Page - IXYS Corporation LDS8846 Datasheet HTML 8Page - IXYS Corporation LDS8846 Datasheet HTML 9Page - IXYS Corporation LDS8846 Datasheet HTML 10Page - IXYS Corporation LDS8846 Datasheet HTML 11Page - IXYS Corporation LDS8846 Datasheet HTML 12Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LDS8846
© 2009 IXYS Corp.
11
Doc. No. 8846DS, Rev. N1.6
Characteristics subject to change without notice
ORDERING INFORMATION
Part Number
Package
Package Marking
LDS8846 002 -T2
TQFN-16 3 x 3 mm
8846
LDS8846 003 -T2
TQFN-16 4 x 4 mm
LDS8846
Notes:
1.
Matte-Tin Plated Finish (RoHS-compliant)
2.
Quantity per reel is 2000
EXAMPLE OF ORDERING INFORMATION
Notes:
1)
All packages are RoHS-compliant (Lead-free, Halogen-free).
2)
The standard lead finish is Matte-Tin.
3)
The device used in the above example is a LDS8846 002–T2 ( 3x3 TQFN, Tape & Reel, 32/25/10.5 mA maximum current per LED bank).
4)
For additional package and temperature options, please contact your nearest IXYS Corp. Sales office.
Company ID
Package
002: 3x3 TQFN
Prefix
Device #
Suffix
LDS
8846
002
T2
Product Number
Tape & Reel
T: Tape & Reel
2: 2000/Reel


Similar Part No. - LDS8846

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8845 IXYS-LDS8845 Datasheet
369Kb / 12P
4-Channel Ultra Low Dropout No Noise LED Driver
More results

Similar Description - LDS8846

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7611A SIPEX-SP7611A_07 Datasheet
687Kb / 14P
2-4 Channel Low Dropout Linear LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1303 YOBON-YB1303 Datasheet
443Kb / 8P
Low Dropout LED Driver
logo
ON Semiconductor
NCV8752 ONSEMI-NCV8752_16 Datasheet
1Mb / 21P
Ultra-Low Noise, Low Dropout Regulator
January, 2016 ??Rev. 1
logo
SG Micro Corp
SGM3132 SGMICRO-SGM3132_16 Datasheet
3Mb / 11P
4-Channel 1-Wire Dimming LED Driver with Ultra-Low Dropout Current Source
logo
IXYS Corporation
LDS8845 IXYS-LDS8845 Datasheet
369Kb / 12P
4-Channel Ultra Low Dropout No Noise LED Driver
LDS8865 IXYS-LDS8865 Datasheet
402Kb / 12P
6-Channel Ultra Low Dropout LED Driver
LDS8866 IXYS-LDS8866 Datasheet
368Kb / 12P
6-Channel Ultra Low Dropout LED Driver
LDS8868 IXYS-LDS8868 Datasheet
440Kb / 14P
6-Channel Ultra Low Dropout LED Driver
LDS8869 IXYS-LDS8869 Datasheet
474Kb / 14P
6-Channel Ultra Low Dropout LED Driver
logo
Shanghai awinic technol...
AW9364 AWINIC-AW9364 Datasheet
821Kb / 14P
4-Channel 1-wire Dimming LED Driver with Ultra Low Dropout Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com