Electronic Components Datasheet Search
  English  ▼

X  

LDS8846 Datasheet(PDF) 3 Page - IXYS Corporation

Part # LDS8846
Description  4-Channel Ultra Low Dropout No Noise LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8846 Datasheet(HTML) 3 Page - IXYS Corporation

  LDS8846 Datasheet HTML 1Page - IXYS Corporation LDS8846 Datasheet HTML 2Page - IXYS Corporation LDS8846 Datasheet HTML 3Page - IXYS Corporation LDS8846 Datasheet HTML 4Page - IXYS Corporation LDS8846 Datasheet HTML 5Page - IXYS Corporation LDS8846 Datasheet HTML 6Page - IXYS Corporation LDS8846 Datasheet HTML 7Page - IXYS Corporation LDS8846 Datasheet HTML 8Page - IXYS Corporation LDS8846 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LDS8846
© 2009 IXYS Corp.
3
Doc. No. 8846DS, Rev. N1.6
Characteristics subject to change without notice
CONTROL INPUTS FUNCTION
Control Inputs
Output States
CTRL2
CTRL1
CTRL0
LED4
LED3
LED2
LED1
0
0
0
OFF
OFF
OFF
ON
0
0
1
OFF
OFF
ON
OFF
0
1
0
OFF
ON
OFF
OFF
0
1
1
ON
OFF
OFF
OFF
1
0
0
OFF
OFF
ON
ON
1
0
1
OFF
ON
ON
ON
1
1
0
ON
ON
ON
ON
1
1
1
OFF
OFF
OFF
OFF
TYPICAL CHARACTERISTICS
VIN = 3.6V, IOUT = 104 mA (4 LEDs at 26 mA each), CIN = COUT = 1 µF, Vf = 3.2 V, TAMB = 25
0C
Power Efficiency vs. Input Voltage
LED Current vs. Temperature
LED Current vs. Input Voltage
Power-Up Delay Time
VOUT
ILED
(4 LEDs)
50 mA/div
EN


Similar Part No. - LDS8846

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8845 IXYS-LDS8845 Datasheet
369Kb / 12P
   4-Channel Ultra Low Dropout No Noise LED Driver
More results

Similar Description - LDS8846

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8845 IXYS-LDS8845 Datasheet
369Kb / 12P
   4-Channel Ultra Low Dropout No Noise LED Driver
LDS8865 IXYS-LDS8865 Datasheet
402Kb / 12P
   6-Channel Ultra Low Dropout LED Driver
LDS8869 IXYS-LDS8869 Datasheet
474Kb / 14P
   6-Channel Ultra Low Dropout LED Driver
LDS8866 IXYS-LDS8866 Datasheet
368Kb / 12P
   6-Channel Ultra Low Dropout LED Driver
LDS8868 IXYS-LDS8868 Datasheet
440Kb / 14P
   6-Channel Ultra Low Dropout LED Driver
logo
Sipex Corporation
SP7611A SIPEX-SP7611A_07 Datasheet
687Kb / 14P
   2-4 Channel Low Dropout Linear LED Driver
logo
SG Micro Corp
SGM3132 SGMICRO-SGM3132_16 Datasheet
3Mb / 11P
   4-Channel 1-Wire Dimming LED Driver with Ultra-Low Dropout Current Source
logo
Shanghai awinic technol...
AW9364 AWINIC-AW9364 Datasheet
821Kb / 14P
   4-Channel 1-wire Dimming LED Driver with Ultra Low Dropout Current Source
logo
ON Semiconductor
NCV8752 ONSEMI-NCV8752_16 Datasheet
1Mb / 21P
   Ultra-Low Noise, Low Dropout Regulator
January, 2016 ??Rev. 1
logo
YOBON TECHNOLOGIES,INC.
YB1303 YOBON-YB1303 Datasheet
443Kb / 8P
   Low Dropout LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com