Electronic Components Datasheet Search
  English  ▼

X  

LDS8846 Datasheet(PDF) 6 Page - IXYS Corporation

Part # LDS8846
Description  4-Channel Ultra Low Dropout No Noise LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8846 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button LDS8846 Datasheet HTML 2Page - IXYS Corporation LDS8846 Datasheet HTML 3Page - IXYS Corporation LDS8846 Datasheet HTML 4Page - IXYS Corporation LDS8846 Datasheet HTML 5Page - IXYS Corporation LDS8846 Datasheet HTML 6Page - IXYS Corporation LDS8846 Datasheet HTML 7Page - IXYS Corporation LDS8846 Datasheet HTML 8Page - IXYS Corporation LDS8846 Datasheet HTML 9Page - IXYS Corporation LDS8846 Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LDS8846
© 2009 IXYS Corp.
6
Doc. No. 8846DS, Rev. N1.6
Characteristics subject to change without notice
BLOCK DIAGRAM
Figure 2. LDS8846 Functional Block Diagram
BASIC OPERATION
The device starts operating if the EN pin is set logic
HIGH and input voltage is higher that under voltage
protection lockout threshold.
The low dropout PowerLite
™ Current regulator
performs well at input voltages up to 50 mV greater
than the LED forward voltage significantly increasing
the driver’s efficiency.
Input pins EN, CTRL0, CTRL1, and CTRL2 may be
either logic LOW or HIGH during power-up. However,
logic voltage should never exceed input voltage VIN,
and these pins should not be left float.
LED Current Setting
The desired current value in each of the four LED is
set by external resitor RSET connevted between ISET
pin and ground..
The LED current is 400 times greater than the current
through RSET and can be estimated (in mA) by
following equation:
SET
SET
LED
R
V
x
I
400
, where VSET =1.2V, and RSET is
its resistance in kohms.
RSET value for typical ILED current is shown at the
table below.
ILED, mA
RSET, kΩ Nearest standard 1% value
5
96
95.3
10
48
47.5
15
32
31.6 or 32.4
20
24
23.7 or 24.3
25
19.2
19.1
30
16
15.8 or 16.2
The average current value may be decreased using
PWM signal applied to either CTRL0, CTRL1 or
CTRL2
pin.
The
LDS8846
allows
modulation
frequiencies in the range from 100 Hz to 5 kHz with
duty cycles from 100% to 1% and from 5 kHz to 30
kHz with duty cycles from 100% to 10%. Modulation
frequiencies
lower
than
100 Hz
are
not
recommended especialy at short duty cycles because
LED flicker may be visible.
If CTRL1 and CTRL2 pins are logic HIGH and PWM
signal applies to CTRL0 pin, then all four LEDS are
dimming synchronously.
If CTRL0 and CTRL2 pins are logic HIGH and PWM
signal applies to CTL1 pin, then LEDs from LED1 to
LED3 are dimming, while LED4 is always off.


Similar Part No. - LDS8846

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8845 IXYS-LDS8845 Datasheet
369Kb / 12P
4-Channel Ultra Low Dropout No Noise LED Driver
More results

Similar Description - LDS8846

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7611A SIPEX-SP7611A_07 Datasheet
687Kb / 14P
2-4 Channel Low Dropout Linear LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1303 YOBON-YB1303 Datasheet
443Kb / 8P
Low Dropout LED Driver
logo
ON Semiconductor
NCV8752 ONSEMI-NCV8752_16 Datasheet
1Mb / 21P
Ultra-Low Noise, Low Dropout Regulator
January, 2016 ??Rev. 1
logo
SG Micro Corp
SGM3132 SGMICRO-SGM3132_16 Datasheet
3Mb / 11P
4-Channel 1-Wire Dimming LED Driver with Ultra-Low Dropout Current Source
logo
IXYS Corporation
LDS8845 IXYS-LDS8845 Datasheet
369Kb / 12P
4-Channel Ultra Low Dropout No Noise LED Driver
LDS8865 IXYS-LDS8865 Datasheet
402Kb / 12P
6-Channel Ultra Low Dropout LED Driver
LDS8866 IXYS-LDS8866 Datasheet
368Kb / 12P
6-Channel Ultra Low Dropout LED Driver
LDS8868 IXYS-LDS8868 Datasheet
440Kb / 14P
6-Channel Ultra Low Dropout LED Driver
LDS8869 IXYS-LDS8869 Datasheet
474Kb / 14P
6-Channel Ultra Low Dropout LED Driver
logo
Shanghai awinic technol...
AW9364 AWINIC-AW9364 Datasheet
821Kb / 14P
4-Channel 1-wire Dimming LED Driver with Ultra Low Dropout Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com