Electronic Components Datasheet Search
  English  ▼

X  

LDS8846 Datasheet(PDF) 7 Page - IXYS Corporation

Part # LDS8846
Description  4-Channel Ultra Low Dropout No Noise LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8846 Datasheet(HTML) 7 Page - IXYS Corporation

Back Button LDS8846 Datasheet HTML 3Page - IXYS Corporation LDS8846 Datasheet HTML 4Page - IXYS Corporation LDS8846 Datasheet HTML 5Page - IXYS Corporation LDS8846 Datasheet HTML 6Page - IXYS Corporation LDS8846 Datasheet HTML 7Page - IXYS Corporation LDS8846 Datasheet HTML 8Page - IXYS Corporation LDS8846 Datasheet HTML 9Page - IXYS Corporation LDS8846 Datasheet HTML 10Page - IXYS Corporation LDS8846 Datasheet HTML 11Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LDS8846
© 2009 IXYS Corp.
7
Doc. No. 8846DS, Rev. N1.6
Characteristics subject to change without notice
Unused LED Channels
For applications with only two or three LEDs, unused
LED can be disabled via the appropriate CTRL pins
logic states. For applications requiring 1 LED only,
the unused LED pins should be tied to VOUT.
However,
we
recommend
use
of
all channels
connecting
them
in
parallel
with
accordingly
decreased current per channel. If one LED is used
only, current per channel should be decreased four
times, or this device may drive one LED with
maximum current up to 120 mA with all channels
connected in prallel and 30 mA current per chennel.
Figure 3. Application circuit with three LEDs
Figure 4. Application circuit with two LEDs
Figure 5. Application circuit with two LEDs
Figure 5. Application circuit with one LED
Protection Mode
The LDS8846 limits output current if VOUT pin is
shorted to ground either before or after device start.
This is to prevent the device from overload in case of
short circuit at the output. Device resumes normal
operation after short removed.
If the die temperature exceeds +150°C, the driver will
enter thermal protection shutdown mode. When the
device temperature drops by about 20°C, the device
resumes normal operation.
If the input voltage is below under-voltage protection
threshold, device turns into shutdown mode with high
impedance state at VOUT and all LED pins.
LED Selection
LEDs with forward voltages (VF) ranging from 1.3 V to
4.5 V may be used. The device exhibits the highest
efficiency when VF voltage is close to VIN. If the
voltage source is a Li-ion battery, we recommend
selecting LEDs with VF at least 50 mV below
minimum expected battery discharging voltage to
extend the battery life and achieve highest efficiency.
If the minimum battery discharging voltage is limited
at 3 V, recommended VF voltage is VF = 3.0 – 0.05 =
2.95 V
External Components
The driver requires only one external component –
current setting resistor RSET. However, if device is
connected to the voltage source (battery) through
long traces, or voltage source has high electrical
noise due bad performance of other components
connected to this source, we recommend 1uF
decoupling capacitors
at the VIN and VOUT pins
located as close to he device as possible.
Power dissipates on RSET resistor is less then 100µW
that
allows
use
of
very
small
surface
mount
component.


Similar Part No. - LDS8846

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8845 IXYS-LDS8845 Datasheet
369Kb / 12P
   4-Channel Ultra Low Dropout No Noise LED Driver
More results

Similar Description - LDS8846

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8845 IXYS-LDS8845 Datasheet
369Kb / 12P
   4-Channel Ultra Low Dropout No Noise LED Driver
LDS8865 IXYS-LDS8865 Datasheet
402Kb / 12P
   6-Channel Ultra Low Dropout LED Driver
LDS8869 IXYS-LDS8869 Datasheet
474Kb / 14P
   6-Channel Ultra Low Dropout LED Driver
LDS8866 IXYS-LDS8866 Datasheet
368Kb / 12P
   6-Channel Ultra Low Dropout LED Driver
LDS8868 IXYS-LDS8868 Datasheet
440Kb / 14P
   6-Channel Ultra Low Dropout LED Driver
logo
Sipex Corporation
SP7611A SIPEX-SP7611A_07 Datasheet
687Kb / 14P
   2-4 Channel Low Dropout Linear LED Driver
logo
SG Micro Corp
SGM3132 SGMICRO-SGM3132_16 Datasheet
3Mb / 11P
   4-Channel 1-Wire Dimming LED Driver with Ultra-Low Dropout Current Source
logo
Shanghai awinic technol...
AW9364 AWINIC-AW9364 Datasheet
821Kb / 14P
   4-Channel 1-wire Dimming LED Driver with Ultra Low Dropout Current Source
logo
ON Semiconductor
NCV8752 ONSEMI-NCV8752_16 Datasheet
1Mb / 21P
   Ultra-Low Noise, Low Dropout Regulator
January, 2016 ??Rev. 1
logo
YOBON TECHNOLOGIES,INC.
YB1303 YOBON-YB1303 Datasheet
443Kb / 8P
   Low Dropout LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com