Electronic Components Datasheet Search
  English  ▼

X  

LDS8868 Datasheet(PDF) 12 Page - IXYS Corporation

Part # LDS8868
Description  6-Channel Ultra Low Dropout LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8868 Datasheet(HTML) 12 Page - IXYS Corporation

Back Button LDS8868 Datasheet HTML 6Page - IXYS Corporation LDS8868 Datasheet HTML 7Page - IXYS Corporation LDS8868 Datasheet HTML 8Page - IXYS Corporation LDS8868 Datasheet HTML 9Page - IXYS Corporation LDS8868 Datasheet HTML 10Page - IXYS Corporation LDS8868 Datasheet HTML 11Page - IXYS Corporation LDS8868 Datasheet HTML 12Page - IXYS Corporation LDS8868 Datasheet HTML 13Page - IXYS Corporation LDS8868 Datasheet HTML 14Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
LDS8868
© 2009 IXYS Corp.
12
Doc. No. 8868_DS, Rev. N2.1
Characteristics subject to change without notice
PACKAGE DRAWING AND DIMENSIONS
16-PIN TQFN (HV3), 3mm x 3mm, 0.5mm PITCH
SYMBOL
MIN
NOM
MAX
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
A2
0.178
0.203
0.228
b
0.20
0.25
0.30
D
2.95
3.00
3.05
D1
1.65
1.70
1.75
E
2.95
3.00
3.05
E1
1.65
1.70
1.75
e
0.50 typ
L
0.325
0.375
0.425
m
0.150 typ
n
0.225 typ
Note:
1.
All dimensions are in millimeters
2.
Complies with JEDEC Standard MO-220


Similar Part No. - LDS8868

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8865 IXYS-LDS8865 Datasheet
402Kb / 12P
6-Channel Ultra Low Dropout LED Driver
LDS8866 IXYS-LDS8866 Datasheet
368Kb / 12P
6-Channel Ultra Low Dropout LED Driver
LDS8869 IXYS-LDS8869 Datasheet
474Kb / 14P
6-Channel Ultra Low Dropout LED Driver
More results

Similar Description - LDS8868

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8865 IXYS-LDS8865 Datasheet
402Kb / 12P
6-Channel Ultra Low Dropout LED Driver
LDS8869 IXYS-LDS8869 Datasheet
474Kb / 14P
6-Channel Ultra Low Dropout LED Driver
LDS8866 IXYS-LDS8866 Datasheet
368Kb / 12P
6-Channel Ultra Low Dropout LED Driver
LDS8846 IXYS-LDS8846 Datasheet
365Kb / 12P
4-Channel Ultra Low Dropout No Noise LED Driver
LDS8845 IXYS-LDS8845 Datasheet
369Kb / 12P
4-Channel Ultra Low Dropout No Noise LED Driver
logo
Intersil Corporation
ISL97672BIRZ INTERSIL-ISL97672BIRZ Datasheet
727Kb / 16P
6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
ISL97672AIRZ INTERSIL-ISL97672AIRZ Datasheet
684Kb / 16P
6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
ISL97672B INTERSIL-ISL97672B Datasheet
504Kb / 18P
6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672A INTERSIL-ISL97672A Datasheet
703Kb / 17P
6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672AIRZ-T INTERSIL-ISL97672AIRZ-T Datasheet
703Kb / 17P
6-Channel LED Driver with Ultra Low Dimming Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com