Electronic Components Datasheet Search
  English  ▼

X  

LDS8868 Datasheet(PDF) 2 Page - IXYS Corporation

Part # LDS8868
Description  6-Channel Ultra Low Dropout LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8868 Datasheet(HTML) 2 Page - IXYS Corporation

  LDS8868 Datasheet HTML 1Page - IXYS Corporation LDS8868 Datasheet HTML 2Page - IXYS Corporation LDS8868 Datasheet HTML 3Page - IXYS Corporation LDS8868 Datasheet HTML 4Page - IXYS Corporation LDS8868 Datasheet HTML 5Page - IXYS Corporation LDS8868 Datasheet HTML 6Page - IXYS Corporation LDS8868 Datasheet HTML 7Page - IXYS Corporation LDS8868 Datasheet HTML 8Page - IXYS Corporation LDS8868 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LDS8868
© 2009 IXYS Corp.
2
Doc. No. 8868_DS, Rev. N2.1
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
VIN, LEDx, C1±, C2± voltage
6
V
VOUT voltage
6
V
EN/SET voltage
VIN + 0.7V
V
Storage Temperature Range
-65 to +160
°C
Junction Temperature Range
-40 to +125
°C
Soldering Temperature
300
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Rating
Unit
VIN
2.7 to 5.5
V
Ambient Temperature Range
-40 to +85
°C
Typical application circuit with external components is shown on page 1.
ELECTRICAL OPERATING CHARACTERISTICS
(Over recommended operating conditions unless specified otherwise) VIN = 3.6V, C1 = C2 = 0.22 µF, CIN = COUT = 1 µF, EN = High, TAMB = 25°C
Name
Conditions
Min
Typ
Max
Units
Quiescent Current
1x mode, no load
1.7
2.5
mA
Shutdown Current
VEN = 0V
1
µA
LED Current Accuracy
1mA
≤I
LED ≤31mA
-5
±3
+5
%
LED Channel Matching
(ILED - ILEDAVG) / ILEDAVG
-5
±3
+5
%
1x mode
0.8
1.5x mode
5.5
Output Resistance (open loop)
2x mode
6.5
Ω
Charge Pump Frequency
1.5x mode and 2x mode
1.1
MHz
Output short circuit Current Limit
VOUT < 0.5V
35
mA
Input Current Limit
450
mA
1x to 1.5x, or 1.5x to 2x
Transition Thresholds at any LED pin
75
130
mV
1.5x to 1x Mode Transition Hysteresis
600
mV
Transition Filter Delay
1
800
µs
Input Leakage
-1
1
µA
High
1.3
EN/DIM
Pin
Logic Level
Low
0.4
V
Thermal Shutdown
1
150
Thermal Hysteresis
1
20
°C
Under Voltage Lockout (UVLO)
Threshold
2.2
V
Over Voltage Protection
1
6.2
V
NOTE:
1.Sample test only


Similar Part No. - LDS8868

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8865 IXYS-LDS8865 Datasheet
402Kb / 12P
   6-Channel Ultra Low Dropout LED Driver
LDS8866 IXYS-LDS8866 Datasheet
368Kb / 12P
   6-Channel Ultra Low Dropout LED Driver
LDS8869 IXYS-LDS8869 Datasheet
474Kb / 14P
   6-Channel Ultra Low Dropout LED Driver
More results

Similar Description - LDS8868

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8865 IXYS-LDS8865 Datasheet
402Kb / 12P
   6-Channel Ultra Low Dropout LED Driver
LDS8869 IXYS-LDS8869 Datasheet
474Kb / 14P
   6-Channel Ultra Low Dropout LED Driver
LDS8866 IXYS-LDS8866 Datasheet
368Kb / 12P
   6-Channel Ultra Low Dropout LED Driver
LDS8846 IXYS-LDS8846 Datasheet
365Kb / 12P
   4-Channel Ultra Low Dropout No Noise LED Driver
LDS8845 IXYS-LDS8845 Datasheet
369Kb / 12P
   4-Channel Ultra Low Dropout No Noise LED Driver
logo
Intersil Corporation
ISL97672BIRZ INTERSIL-ISL97672BIRZ Datasheet
727Kb / 16P
   6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
ISL97672AIRZ INTERSIL-ISL97672AIRZ Datasheet
684Kb / 16P
   6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
ISL97672B INTERSIL-ISL97672B Datasheet
504Kb / 18P
   6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672A INTERSIL-ISL97672A Datasheet
703Kb / 17P
   6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672AIRZ-T INTERSIL-ISL97672AIRZ-T Datasheet
703Kb / 17P
   6-Channel LED Driver with Ultra Low Dimming Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com