Electronic Components Datasheet Search
  English  ▼

X  

LDS8868 Datasheet(PDF) 3 Page - IXYS Corporation

Part # LDS8868
Description  6-Channel Ultra Low Dropout LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8868 Datasheet(HTML) 3 Page - IXYS Corporation

  LDS8868 Datasheet HTML 1Page - IXYS Corporation LDS8868 Datasheet HTML 2Page - IXYS Corporation LDS8868 Datasheet HTML 3Page - IXYS Corporation LDS8868 Datasheet HTML 4Page - IXYS Corporation LDS8868 Datasheet HTML 5Page - IXYS Corporation LDS8868 Datasheet HTML 6Page - IXYS Corporation LDS8868 Datasheet HTML 7Page - IXYS Corporation LDS8868 Datasheet HTML 8Page - IXYS Corporation LDS8868 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LDS8868
© 2009 IXYS Corp.
3
Doc. No. 8868_DS, Rev. N2.1
Characteristics subject to change without notice
RECOMMENDED EN/SET TIMING
For 2.7
V
IN 5.5V, over full ambient temperature range - 40 to +85ºC.
Symbol
Name
Conditions
Min
Typ
Max
Units
tSETUP
EN/SET setup from shutdown
10
100
μs
tLO
EN/SET program low time
0.2
100
μs
tHI
EN/SET program high time
0.2
100
μs
tOFF
EN/SET low time to shutdown
1.5
ms
tDATADELAY
EN/SET Delay to DATA
500
μs
tRESETDELAY
EN/SET Delay High to ADDRESS
2
ms
Figure 1. EN/SET One Wire Addressable Timing Diagram
REGISTER CONFIGURATION AND PROGRAMMING
Table 1. Register Address and Data
DATA pattern
Register
Address
Pulses
Description
Bits
Bit 3
Bit 2
Bit 1
Bit 0
REG1
1
Bank Enable and IMODE
4
IMODE
ENC
ENB
ENA
REG2
2
Global Current Setting*
6
REG3
3
Bank C Current Setting
6
REG4
4
Bank B Current Setting
6
REG5
5
Bank A Current Setting
6
See Table 3 for values
REG6
6
Return to 1x mode
1
RTRN
Note: *) If Global current setting register Reg2 is used, registers Reg3 – Reg5 should be empty, and vice versa If registers Reg3 – Reg5 are
used, Reg2 should be empty to prevent data interference.
Table 2. Reg1 Code
Reg1 Bit
Reg1 Bit
Reg1 Bit
Data
pulses
3
2
1
0
Data
pulses
3
2
1
0
Data
pulses
3
2
1
0
0
0
0
0
0
6
1
0
1
0
12
0
1
0
0
1
1
1
1
1
7
1
0
0
1
13
0
0
1
1
2
1
1
1
0
8
1
0
0
0
14
0
0
1
0
3
1
1
0
1
9
0
1
1
1
15
0
0
0
1
4
1
1
0
0
10
0
1
1
0
16
0
0
0
0
5
1
0
1
1
11
0
1
0
1
Note: If bits Bit0 – Bit2 are set to zero, the corresponding LED bank is disabled.


Similar Part No. - LDS8868

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8865 IXYS-LDS8865 Datasheet
402Kb / 12P
   6-Channel Ultra Low Dropout LED Driver
LDS8866 IXYS-LDS8866 Datasheet
368Kb / 12P
   6-Channel Ultra Low Dropout LED Driver
LDS8869 IXYS-LDS8869 Datasheet
474Kb / 14P
   6-Channel Ultra Low Dropout LED Driver
More results

Similar Description - LDS8868

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8865 IXYS-LDS8865 Datasheet
402Kb / 12P
   6-Channel Ultra Low Dropout LED Driver
LDS8869 IXYS-LDS8869 Datasheet
474Kb / 14P
   6-Channel Ultra Low Dropout LED Driver
LDS8866 IXYS-LDS8866 Datasheet
368Kb / 12P
   6-Channel Ultra Low Dropout LED Driver
LDS8846 IXYS-LDS8846 Datasheet
365Kb / 12P
   4-Channel Ultra Low Dropout No Noise LED Driver
LDS8845 IXYS-LDS8845 Datasheet
369Kb / 12P
   4-Channel Ultra Low Dropout No Noise LED Driver
logo
Intersil Corporation
ISL97672BIRZ INTERSIL-ISL97672BIRZ Datasheet
727Kb / 16P
   6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
ISL97672AIRZ INTERSIL-ISL97672AIRZ Datasheet
684Kb / 16P
   6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
ISL97672B INTERSIL-ISL97672B Datasheet
504Kb / 18P
   6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672A INTERSIL-ISL97672A Datasheet
703Kb / 17P
   6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672AIRZ-T INTERSIL-ISL97672AIRZ-T Datasheet
703Kb / 17P
   6-Channel LED Driver with Ultra Low Dimming Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com