Electronic Components Datasheet Search
  English  ▼

X  

AXIOM145ULN Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIOM145ULN
Description  Ultra-Low Noise OCXO in SMD package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM145ULN Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIOM145ULN_17 Datasheet HTML 1Page - Advanced XTAL Products AXIOM145ULN_17 Datasheet HTML 2Page - Advanced XTAL Products AXIOM145ULN_17 Datasheet HTML 3Page - Advanced XTAL Products AXIOM145ULN_17 Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM145ULN Rev.3
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(4)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIOM145ULN
Rev.: 3
Date: 2017-01-07
Oscillator type:
Ultra-Low Noise OCXO in SMD package
Parameter
min.
typ.
max.
Unit
Condition
Nominal frequency (Note 2)
10.000
MHz
Frequency stability
Initial tolerance @ +25°C
±100
ppb
VC @ VREF/2
vs. operating temperature range
Option 2 & 3
See tables 2 & 3
steady state
vs. supply voltage variation (pushing)
±0.5
ppb
VS ±100 mV
vs. load change (pulling)
±0.5
ppb
RL ±5 %
Long term (aging) per day
±0.5
ppb
after 10 days operation
Long term (aging) 1
st year
±30
ppb
after 10 days operation
Long term (aging) 15 years
±500
ppb
after 10 days operation
Frequency adjustment range
Electronic Frequency Control (EFC)
±0.5
±1.0
±1.5
ppm
EFC voltage VC
0
VREF/2
VREF
V
EFC slope
Positive
EFC non-linearity
10
%
EFC input impedance
100
Modulation bandwidth
1
kHz
@ -3 dB
RF output
Signal waveform
Sine wave
Load RL
50
Ω
±5 %
Output level
+5
+10
dBm
Harmonics
-20
dBc
Spurious
-90
dBc
@ 9 ~ 11 MHz
Warm-up time @ +25°C
5
min
∆ffinal/fnominal < ±100 ppb
Phase noise
See table 1
Option 1
Short term stability (Allan deviation)
1·10
-11
5·10
-12
1·10
-11
1·10
-10
τ = 1 s
τ = 10 s
τ = 100 s
Oven alarm output
LOW = alarm (not stable)
HIGH = ready
0 … 0.4 V
2.4 … 5 V
Oscillator enable input
(Note 3)
LOW = Oscillator OFF
HIGH = Oscillator ON
0 … 0.4 V
2.4 … 12.6 V
Reference voltage VREF output
5.0
V
Supply voltage VS
10.5
12.0
12.6
V
Current consumption (steady state)
200
mA
@ +25°C
Current consumption (warm-up)
340
mA
Marking
AXTAL Logo
AXIOM145ULN
10.000MHz
S/N wwyy
ww = week, yy = year
Enclosure (see drawing) (LxWxH)
41x30x16 max.
mm
Weight
30
g
Packing
Palette
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Other frequencies on request
3.
HCMOS compatible input


Similar Part No. - AXIOM145ULN_17

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM145ULN AXTAL-AXIOM145ULN Datasheet
109Kb / 4P
Ultra-Low Noise OCXO in SMD package
2016-01-11
More results

Similar Description - AXIOM145ULN_17

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM10 AXTAL-AXIOM10 Datasheet
54Kb / 2P
OCXO in SMD package
2005-07-15
AXIOM145ULN AXTAL-AXIOM145ULN Datasheet
109Kb / 4P
Ultra-Low Noise OCXO in SMD package
2016-01-11
AXIOM260 AXTAL-AXIOM260 Datasheet
181Kb / 4P
Low Phase Noise OCXO in Vibration-isolated Package
AXIOM1000 AXTAL-AXIOM1000 Datasheet
117Kb / 4P
UHF Ultra-Low Phase Noise OCXO in Connectorized Package
AXIOM5050 AXTAL-AXIOM5050 Datasheet
115Kb / 4P
VHF Ultra-Low Phase Noise OCXO in Connectorized Package
2014-07-09
AXIOM45ULN AXTAL-AXIOM45ULN Datasheet
120Kb / 4P
Ultra-Low Noise OCXO in Eurocase package
AXIOM45ULN AXTAL-AXIOM45ULN_17 Datasheet
125Kb / 4P
Low Noise OCXO in Eurocase package
2017-01-07
AXIOM238 AXTAL-AXIOM238 Datasheet
252Kb / 3P
Ultra-Low Phase Noise OCXO in Vibration-isolated Package
AXIOM275 AXTAL-AXIOM275 Datasheet
248Kb / 3P
Ultra-Low Phase Noise OCXO in Vibration-isolated Package
AXIOM450 AXTAL-AXIOM450 Datasheet
119Kb / 3P
VHF Ultra-Low Phase Noise OCXO in Eurocase Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com