Electronic Components Datasheet Search
  English  ▼

X  

AXIOM145ULN Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXIOM145ULN
Description  Ultra-Low Noise OCXO in SMD package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM145ULN Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXIOM145ULN_17 Datasheet HTML 1Page - Advanced XTAL Products AXIOM145ULN_17 Datasheet HTML 2Page - Advanced XTAL Products AXIOM145ULN_17 Datasheet HTML 3Page - Advanced XTAL Products AXIOM145ULN_17 Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM145ULN Rev.3
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 2(4)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Control Voltage VC
-0.5
15
V
VC to GND
Oscillator Enable Voltage VOE
-0.5
VS
V
VOE to GND
Storage Temperature
-55
+125
°C
Resistance to Soldering Heat
10
sec
@ +245°C
Phase Noise – Option 1:
Option
Offset
A
B
C
Unit
1 Hz
-110
-112
-115
dBc/Hz
10 Hz
-142
-144
-146
dBc/Hz
100 Hz
-155
-156
-157
dBc/Hz
1 kHz
-160
-160
-160
dBc/Hz
≥10 kHz
-165
-165
-165
dBc/Hz
Table 1
Frequency stability vs. temperature – Options 2 & 3
Stability
Lower Temperature
Upper Temperature
Option 2
[ppb]
Option 3
T [°C]
Option 3
T [°C]
05
±5
0
0
A
+50
10
±10
1
-10
B
+60
25
±25
2
-20
C
+70
50
±50
3
-30
D
+75
100
±100
4
-40
E
+80
200
±200
5
-55
F
+85
Table 2
Table 3
Standard: “1B” = -10°C to +60°C
Frequency stability [Option 2]
Temperature
range [°C]
05
10
25
50
100
200
0 ~ +50
X
X
X
X
X
X
-10 ~ +60
X
X
X
X
X
X
-20 ~ +70
X
X
X
X
X
X
-30 ~ +70
O
X
X
X
X
X
-40 ~ +75
O
O
X
X
X
X
-40 ~ +85
O
O
X
X
X
X
-55 ~ +85
-
O
O
X
X
X
Table 4 “Availability” X = available, O = available on request, - not available
Ordering Code
Model
Option 1
[Phase noise]
Option 2
[Stability]
Option 3
[Temperature range]
Revision
Frequency
[MHz]
AXIOM145ULN
Table 1
Table 2
Table 3
Rev.3
10.000
Example: AXIOM145ULN-A-50-1B_Rev.3 – 10.000 MHz


Similar Part No. - AXIOM145ULN_17

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM145ULN AXTAL-AXIOM145ULN Datasheet
109Kb / 4P
Ultra-Low Noise OCXO in SMD package
2016-01-11
More results

Similar Description - AXIOM145ULN_17

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM10 AXTAL-AXIOM10 Datasheet
54Kb / 2P
OCXO in SMD package
2005-07-15
AXIOM145ULN AXTAL-AXIOM145ULN Datasheet
109Kb / 4P
Ultra-Low Noise OCXO in SMD package
2016-01-11
AXIOM260 AXTAL-AXIOM260 Datasheet
181Kb / 4P
Low Phase Noise OCXO in Vibration-isolated Package
AXIOM1000 AXTAL-AXIOM1000 Datasheet
117Kb / 4P
UHF Ultra-Low Phase Noise OCXO in Connectorized Package
AXIOM5050 AXTAL-AXIOM5050 Datasheet
115Kb / 4P
VHF Ultra-Low Phase Noise OCXO in Connectorized Package
2014-07-09
AXIOM45ULN AXTAL-AXIOM45ULN Datasheet
120Kb / 4P
Ultra-Low Noise OCXO in Eurocase package
AXIOM45ULN AXTAL-AXIOM45ULN_17 Datasheet
125Kb / 4P
Low Noise OCXO in Eurocase package
2017-01-07
AXIOM238 AXTAL-AXIOM238 Datasheet
252Kb / 3P
Ultra-Low Phase Noise OCXO in Vibration-isolated Package
AXIOM275 AXTAL-AXIOM275 Datasheet
248Kb / 3P
Ultra-Low Phase Noise OCXO in Vibration-isolated Package
AXIOM450 AXTAL-AXIOM450 Datasheet
119Kb / 3P
VHF Ultra-Low Phase Noise OCXO in Eurocase Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com