Electronic Components Datasheet Search
  English  ▼

X  

AXIOM145ULN Datasheet(PDF) 3 Page - Advanced XTAL Products

Part # AXIOM145ULN
Description  Ultra-Low Noise OCXO in SMD package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM145ULN Datasheet(HTML) 3 Page - Advanced XTAL Products

  AXIOM145ULN_17 Datasheet HTML 1Page - Advanced XTAL Products AXIOM145ULN_17 Datasheet HTML 2Page - Advanced XTAL Products AXIOM145ULN_17 Datasheet HTML 3Page - Advanced XTAL Products AXIOM145ULN_17 Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM145ULN Rev.3
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 3(4)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Handling and Testing
Parameter
Procedure
Source
Handling and Testing
Application Note AXAN-011
www.axtal.com
Processing
Application Note AXAN-012
www.axtal.com
Parameter
Procedure
Condition
Electrostatic discharge (ESD)
THD devices
IEC60749-26
HBM
2000 V
SMD devices
IEC60749-27
MM
200 V
Washable
Yes
No
RoHS- Compliant
Yes
No
Enclosure drawing:
Pin connections
Pin #
Symbol
Function
1
RF OUT
RF Output
2
OA
Oven Alarm Output
3
GND
Ground
4
VREF
Reference Voltage
5
VC
Control Voltage (EFC)
6
OE
Oscillator Enable Input
7
VS
Supply Voltage


Similar Part No. - AXIOM145ULN_17

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM145ULN AXTAL-AXIOM145ULN Datasheet
109Kb / 4P
   Ultra-Low Noise OCXO in SMD package
More results

Similar Description - AXIOM145ULN_17

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM145ULN AXTAL-AXIOM145ULN Datasheet
109Kb / 4P
   Ultra-Low Noise OCXO in SMD package
AXIOM45ULN AXTAL-AXIOM45ULN Datasheet
120Kb / 4P
   Ultra-Low Noise OCXO in Eurocase package
AXIOM1000 AXTAL-AXIOM1000 Datasheet
117Kb / 4P
   UHF Ultra-Low Phase Noise OCXO in Connectorized Package
AXIOM238 AXTAL-AXIOM238 Datasheet
252Kb / 3P
   Ultra-Low Phase Noise OCXO in Vibration-isolated Package
AXIOM450 AXTAL-AXIOM450 Datasheet
119Kb / 3P
   VHF Ultra-Low Phase Noise OCXO in Eurocase Package
AXIOM5050 AXTAL-AXIOM5050 Datasheet
115Kb / 4P
   VHF Ultra-Low Phase Noise OCXO in Connectorized Package
AXIOM275 AXTAL-AXIOM275 Datasheet
248Kb / 3P
   Ultra-Low Phase Noise OCXO in Vibration-isolated Package
AXIOM45ULN AXTAL-AXIOM45ULN_17 Datasheet
125Kb / 4P
   Low Noise OCXO in Eurocase package
AXIOM10 AXTAL-AXIOM10 Datasheet
54Kb / 2P
   OCXO in SMD package
AXIOM260 AXTAL-AXIOM260 Datasheet
181Kb / 4P
   Low Phase Noise OCXO in Vibration-isolated Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com