Electronic Components Datasheet Search
  English  ▼

X  

AXIOM145ULN Datasheet(PDF) 4 Page - Advanced XTAL Products

Part # AXIOM145ULN
Description  Ultra-Low Noise OCXO in SMD package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM145ULN Datasheet(HTML) 4 Page - Advanced XTAL Products

  AXIOM145ULN_17 Datasheet HTML 1Page - Advanced XTAL Products AXIOM145ULN_17 Datasheet HTML 2Page - Advanced XTAL Products AXIOM145ULN_17 Datasheet HTML 3Page - Advanced XTAL Products AXIOM145ULN_17 Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM145ULN Rev.3
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 4(4)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Environmental conditions
Test
IEC
60068
Part …
IEC
60679-1
Clause
MIL-STD-
202G
Method
MIL-STD-
810F
Method
MIL-PRF-
55310D
Clause
Test conditions (IEC)
Sealing tests
(if applicable)
2-17
5.6.2
112E
3.6.1.2
Gross leak: Test Qc,
Fine leak: Test Qk
Solderability
Resistance to
soldering heat
2-20
2-58
5.6.3
208H
210F
3.6.52
3.6.48
Test Ta Method 1
Test Td1 Method 2
Test Td2 Method 2
Shock*
2-27
5.6.8
213B
516.4
3.6.40
Test Ea, 3 x per axes 100g,
6 ms half-sine pulse
Vibration,
sinusoidal*
2-6
5.6.7.1
201A
204D
516.4-4
3.6.38.1
3.6.38.2
Test Fc, 30 min per axes,
10 Hz - 55 Hz 0,75mm; 55 Hz - 2 kHz, 10g
Vibration,
random*
2-64
5.6.7.3
214A
514.5
3.6.38.3
3.6.38.4
Test Fdb
Endurance tests
- ageing
- extended aging
5.7.1
5.7.2
108A
4.8.35
30 days @ 85°C, OCXO @25°C
1000h, 2000h, 8000h @85°C
Other environmental conditions on request
Data sheet is for information purposes only and may be subject to modifications or may be discontinued without notice.
Revision History
Rev.
Drawing
Date
[dd.mm.yyyy]
Remarks
Author
Checked
1
D0
10.12.2013
First issue preliminary version AXIOM15ULN
HH
BN
2
D0
12.12.2013
Changes: operating temp rang, supply voltage. Added:
modulation bandwidth
HH
BN
1
D0
03.02.2014
New package, new P/N AXIOM145ULN
HH
BN
1
D1
16.01.2015
Editorial changes, environmental changes updated
HH
HH
2
D0
11.01.2016
Phase noise options added
HH
HH
3
D0
07.01.2017
Temperature stability options added
BN
BN


Similar Part No. - AXIOM145ULN_17

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM145ULN AXTAL-AXIOM145ULN Datasheet
109Kb / 4P
   Ultra-Low Noise OCXO in SMD package
More results

Similar Description - AXIOM145ULN_17

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM145ULN AXTAL-AXIOM145ULN Datasheet
109Kb / 4P
   Ultra-Low Noise OCXO in SMD package
AXIOM45ULN AXTAL-AXIOM45ULN Datasheet
120Kb / 4P
   Ultra-Low Noise OCXO in Eurocase package
AXIOM1000 AXTAL-AXIOM1000 Datasheet
117Kb / 4P
   UHF Ultra-Low Phase Noise OCXO in Connectorized Package
AXIOM238 AXTAL-AXIOM238 Datasheet
252Kb / 3P
   Ultra-Low Phase Noise OCXO in Vibration-isolated Package
AXIOM450 AXTAL-AXIOM450 Datasheet
119Kb / 3P
   VHF Ultra-Low Phase Noise OCXO in Eurocase Package
AXIOM5050 AXTAL-AXIOM5050 Datasheet
115Kb / 4P
   VHF Ultra-Low Phase Noise OCXO in Connectorized Package
AXIOM275 AXTAL-AXIOM275 Datasheet
248Kb / 3P
   Ultra-Low Phase Noise OCXO in Vibration-isolated Package
AXIOM45ULN AXTAL-AXIOM45ULN_17 Datasheet
125Kb / 4P
   Low Noise OCXO in Eurocase package
AXIOM10 AXTAL-AXIOM10 Datasheet
54Kb / 2P
   OCXO in SMD package
AXIOM260 AXTAL-AXIOM260 Datasheet
181Kb / 4P
   Low Phase Noise OCXO in Vibration-isolated Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com