Electronic Components Datasheet Search
  English  ▼

X  

AXIOM275 Datasheet(PDF) 3 Page - Advanced XTAL Products

Part # AXIOM275
Description  Ultra-Low Phase Noise OCXO in Vibration-isolated Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM275 Datasheet(HTML) 3 Page - Advanced XTAL Products

  AXIOM275 Datasheet HTML 1Page - Advanced XTAL Products AXIOM275 Datasheet HTML 2Page - Advanced XTAL Products AXIOM275 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM275 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 3(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Handling and Testing
Parameter
Procedure
Source
Handling and Testing
Application Note AXAN-011
www.axtal.com
Processing
Application Note AXAN-012
www.axtal.com
Parameter
Procedure
Condition
Electrostatic discharge (ESD)
THD devices
IEC60749-26
HBM
2000 V
SMD devices
IEC60749-27
MM
200 V
Washable
 Yes
 No
RoHS- Compliant
 Yes
 No
Environmental conditions
Test
IEC
60068
Part …
IEC
60679-1
Clause
MIL-STD-
202G
Method
MIL-STD-
810F
Method
MIL-PRF-
55310D
Clause
Test conditions (IEC)
Sealing tests
(if applicable)
2-17
5.6.2
112E
3.6.1.2
Gross leak: Test Qc,
Fine leak: Test Qk
Solderability
Resistance to
soldering heat
2-20
2-58
5.6.3
208H
210F
3.6.52
3.6.48
Test Ta Method 1
Test Td1 Method 2
Test Td2 Method 2
Shock*
2-27
5.6.8
213B
516.4
3.6.40
Test Ea, 3 x per axes 100g,
6 ms half-sine pulse
Vibration,
sinusoidal*
2-6
5.6.7.1
201A
204D
516.4-4
3.6.38.1
3.6.38.2
Test Fc, 30 min per axes,
10 Hz - 55 Hz 0,75mm; 55 Hz - 2 kHz, 10g
Vibration,
random*
2-64
5.6.7.3
214A
514.5
3.6.38.3
3.6.38.4
Test Fdb
Endurance tests
- ageing
- extended aging
5.7.1
5.7.2
108A
4.8.35
30 days @ 85°C, OCXO @25°C
1000h, 2000h, 8000h @85°C
Other environmental conditions on request
Data sheet is for information purposes only and may be subject to modifications or may be discontinued without notice.
Revision History
Rev.
Drawing
Date
[dd.mm.yyyy]
Remarks
Author
Checked
1
D0
26.10.2018
First issue
ME
HH


Similar Part No. - AXIOM275

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM2700 AXTAL-AXIOM2700 Datasheet
576Kb / 5P
   Fully customizable UHF/SHF frequency source Ultra-Low Phase Noise OCXO with multiple outputs
More results

Similar Description - AXIOM275

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM238 AXTAL-AXIOM238 Datasheet
252Kb / 3P
   Ultra-Low Phase Noise OCXO in Vibration-isolated Package
AXIOM260 AXTAL-AXIOM260 Datasheet
181Kb / 4P
   Low Phase Noise OCXO in Vibration-isolated Package
logo
BOWEI Integrated Circui...
OXK40 BOWEI-OXK40 Datasheet
123Kb / 1P
   Low phase noise,Anti-vibration OCXO
OXK581 BOWEI-OXK581 Datasheet
470Kb / 4P
   Low phase noise,Anti-vibration OCXO
logo
Advanced XTAL Products
AXIOM1000 AXTAL-AXIOM1000 Datasheet
117Kb / 4P
   UHF Ultra-Low Phase Noise OCXO in Connectorized Package
AXIOM450 AXTAL-AXIOM450 Datasheet
119Kb / 3P
   VHF Ultra-Low Phase Noise OCXO in Eurocase Package
AXIOM5050 AXTAL-AXIOM5050 Datasheet
115Kb / 4P
   VHF Ultra-Low Phase Noise OCXO in Connectorized Package
AXIOM45ULN AXTAL-AXIOM45ULN Datasheet
120Kb / 4P
   Ultra-Low Noise OCXO in Eurocase package
AXIOM145ULN AXTAL-AXIOM145ULN Datasheet
109Kb / 4P
   Ultra-Low Noise OCXO in SMD package
AXIOM145ULN AXTAL-AXIOM145ULN_17 Datasheet
113Kb / 4P
   Ultra-Low Noise OCXO in SMD package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com