Electronic Components Datasheet Search
  English  ▼

X  

DSP56857 Datasheet(PDF) 208 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 208 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 204Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 205Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 206Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 207Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 208Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 209Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 210Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 211Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 212Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 662 page
background image
Register Descriptions (ITCN_BASE = $1FFF20)
5685X Digital Signal Controller User Manual, Rev. 4
8-30
Freescale Semiconductor
Figure 8-23. IRQ Pending Register 4 (IRQP4)
See Programmer’s Sheet on Appendix page B - 42
8.7.15.1 Pending IRQs (PENDING)—Bits 2–69
•
0 = IRQ pending for this vector number
•
1 = No IRQ pending for this vector number
8.7.15.2 Reserved—Bits 70–80
These bits are reserved or not implemented. They are read as 1, but they cannot be modified by
writing.
8.7.16 Interrupt Control Register (ICTL)
Figure 8-24. Interrupt Control Register (ICTL)
See Programmer’s Sheet on Appendix page B - 43
8.7.16.1 Interrupt (INT)—Bit 15
This bit reflects the state of the interrupt to the 56800E core.
•
0 = No interrupt is being sent to the core
•
1 = An interrupt is being sent to the core
8.7.16.2 Interrupt Priority Level (IPIC)—Bits 14–13
These bits reflect the state of the new interrupt priority level bits being presented to the 56800E
core at the time the last IRQ was taken. This field is only updated when the 56800E core jumps to
a new interrupt service routine.
Note:
Nested interrupts may cause this field to be updated before the original interrupt
service routine can read it.
•
00 = Required nested exception priority levels are 0, 1, 2, or 3
Base + $14
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
1
1
1
1
1
1
1
1
1
1
1
PENDING[69:65]
Write
Reset
1111
11111111
1111
Base + $1A
15
14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Read
INT
IPIC
VAB
INT_DIS
0
IRQB STATE IRQA STATE
IRQB EDG
IRQA EDG
Write
Reset
0
0
0
00
00000
0
0
1
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com