Electronic Components Datasheet Search
  English  ▼

X  

DSP56857 Datasheet(PDF) 226 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 226 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 222Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 223Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 224Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 225Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 226Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 227Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 228Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 229Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 230Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 662 page
background image
Register Descriptions (DMA_BASES = $1FFEC0, $1FFEC8, $1FFED0, $1FFED8, $1FFEE0, $1FFEE8)
5685X Digital Signal Controller User Manual, Rev. 4
9-8
Freescale Semiconductor
9.6 Register Descriptions (DMA_BASES = $1FFEC0, $1FFEC8,
$1FFED0, $1FFED8, $1FFEE0, $1FFEE8)
9.6.1 DMA Transfer Control (DMATC)
Figure 9-3. DMA Transfer Control (DMATC)
See Programmer’s Sheet on Appendix page B - 51
9.6.1.1 Direct Memory Access On (DMAON)—Bit 15
This bit enables/disables DMA operation. When the Circular Queue operation is disabled and the
DMACQS register is zero, this bit is automatically cleared at the conclusion of a DMA block
transfer or when the Transfer Count register decrements to zero.
•
0 = DMA Operation is disabled
•
1 = DMA Operation is enabled
9.6.1.2 Interrupt On (INTRON)—Bit 14
This bit enables/disables DMA interrupt operation. If DMA interrupt operation is enabled, the
DMA controller issues an interrupt whenever the DMA Transfer Count Register (DMACNT)
decrements to zero.
•
0 = DMA Interrupt Operation is disabled
•
1 = DMA Interrupt Operation is enabled
9.6.1.3 Interrupt Pending (INTRPEND)—Bit 13
This bit is the DMA Interrupt Pending bit. When this bit is asserted, a DMA interrupt is pending;
when this bit is deasserted, no DMA interrupt is pending.
•
0 = A DMA Interrupt is not pending
•
1 = A DMA Interrupt is pending
9.6.1.4 Data Size (DATASIZE)—Bit 12
This bit defines the data size of the DMA transfers and determines whether the DMA address
registers point to words or bytes.
•
0 = DMA transfers are performed in bytes (8 bits), with address registers pointing to bytes.
•
1 = DMA transfers are performed in words (16 bits), with address registers pointing to
words.
Base + $0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
DMAON INTRON
INTR_PEND
DATA_ SIZE
0
0
0
PERIPH SEL
SS/M
DS/M
Write
0
0
0
Reset
0
0
0
0
000
0
0
0
0
0
0
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com