Electronic Components Datasheet Search
  English  ▼

X  

DSP56857 Datasheet(PDF) 380 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 380 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 376Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 377Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 378Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 379Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 380Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 381Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 382Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 383Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 384Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 662 page
background image
Register Descriptions (TMR_BASE = $1FFE80)
5685X Digital Signal Controller User Manual, Rev. 4
13-14
Freescale Semiconductor
13.9.2 Timer Channel Status and Control Registers (SCR)
There are four Timer Status and Control Registers in this occurrence. Their addresses are:
TMRA0_SCR (Timer A, Channel 0 Status and Control)—Address: TMRA_BASE + $7
TMRA1_SCR (Timer A, Channel 1 Status and Control)—Address: TMRA_BASE + $F
TMRA2_SCR (Timer A, Channel 2 Status and Control)—Address: TMRA_BASE + $17
TMRA3_SCR (Timer A, Channel 3 Status and Control)—Address: TMRA_BASE + $1F
Figure 13-5. TMR Status and Control Register (SCR)
See Programmer’s Sheet on Appendix page B - 93
13.9.2.1 Timer Compare Flag (TCF)—Bit 15
This bit is set when a successful compare occurs. Clear the bit by writing 0 to it.
13.9.2.2 Timer Compare Flag Interrupt Enable (TCFIE)—Bit 14
When set, this bit enables interrupts when the TCF bit is set.
13.9.2.3 Timer Overflow Flag (TOF)—Bit 13
This bit is set when the counter rolls over its maximum value $FFFF or $0000, depending on
count direction. Clear the bit by writing 0 to it.
13.9.2.4 Timer Overflow Flag Interrupt Enable (TOFIE)—Bit 12
When set, this bit enables interrupts when the TOF bit is set.
13.9.2.5 Input Edge Flag (IEF)—Bit 11
This bit is set when a positive input transition occurs while the counter is enabled. Clear the bit by
writing 0 to it.
Note:
Setting the Input Polarity Select (IPS) bit enables the detection of negative input edge
transitions detection. Also, the control register’s secondary count source determines
which external input pin is monitored by the detection circuitry.
13.9.2.6 Input Edge Flag Interrupt Enable (IEFIE)—Bit 10
When set, this bit enables interrupts when the IEF bit is set
Base + $7, $F,
$17, $1F
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
TCF TCFIE TOF TOFIE
IEF
IEFIE IPS
INPUT
CAPTURE
MODE
MSTR EEOF VAL
0
OPS OEN
Write
FORCE
Reset
0
0
000
0
0
0
0
0
0
0
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com