Electronic Components Datasheet Search
  English  ▼

X  

DSP56857 Datasheet(PDF) 395 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 395 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 391Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 392Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 393Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 394Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 395Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 396Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 397Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 398Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 399Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 662 page
background image
Register Description (TOD_BASE = $1FFFC0)
Time-Of-Day (TOD), Rev. 4
Freescale Semiconductor
14-9
14.6.2 Time-of-Day Control Status (TODCS)
The TOD Control Status register controls TOD operation.
Figure 14-3. TOD Control Status (TODCS)
See Programmer’s Sheet on Appendix page B - 95
14.6.2.1 Time-of-Day 1-Second Interrupt Occurred Flag (TODSIO)—Bit 15
This bit is set when one-second interrupt occurs. This bit is cleared by writing 0 to the bit
position. It must be cleared before exiting the Interrupt Service Routine (ISR).
14.6.2.2 Time-of-Day Alarm Interrupt Occurred Flag (TODAL)—Bit 14
This bit is set when TOD Alarm Interrupt occurs. This bit is cleared by writing 0 to the bit
position. This bit must be cleared before exiting the Interrupt Service Routine.
14.6.2.3 Reserved—Bits 13–10
These bits are reserved or not implemented. They cannot be read nor modified by writing.
14.6.2.4 Test (TEST)—Bits 8–9
This bit field is reserved as factory test bits and must be written as 0.
14.6.2.5 Time-of-Day Days Alarm Enable (TODDA)—Bit 7
•
0 = Alarm interrupt ignores days counter
•
1 = Alarm interrupt requires match of days alarm register to days counter
14.6.2.6 Time-of-Day Hours Alarm Enable (TODHA)—Bit 6
•
0 = Alarm interrupt ignores hours counter
•
1 = Alarm interrupt requires match of hours alarm register to hours counter
Base + $0
15
14
13 12 11 10 9 8
7
6
5
4
3
2
1
0
Read
TODSIO TODAL
TEST TODDA TODHA TODMA TODSA TODSEN TODAEN TOD_LOCK TODEN
Write
Reset
0
0
00 00 0 0
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com