Electronic Components Datasheet Search
  English  ▼

X  

DSP56857 Datasheet(PDF) 572 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 572 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 568Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 569Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 570Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 571Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 572Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 573Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 574Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 575Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 576Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 572 / 662 page
background image
Application:
Date:
Programmer:
Sheet
Appendix B - Programmer’s Sheets, Rev. 4
Freescale Semiconductor
B-70
Preliminary
ESSI Status Register (SSR)
Bits
Name
Description
15
IF1
Input Flag 1
This bit is enabled only when SC1 is configured as an input flag and Synchronous mode is
selected. If not enabled, the IF1 bit is cleared.
14
IF0
Input Flag 0
This bit is enabled only when SC0 is configured as an input flag and the Synchronous mode is
selected. If it is not enabled, the IF0 bit is cleared.
12
TFF
Transmit FIFO Full
This status bit allows monitoring when the TTF is full.
0
Transmit FIFO can accept more data
1
Transmit FIFO is full
11
TLS
Transmit Last Slot
This status bit indicates timing of the last transmit slot during the Network mode operation
0
Not currently transmitting the last time slot of the transmit frame
1
Last slot of the transmit frame is currently being transmitted
10
RLS
Receive Last Slot
This status bit indicates the timing of the last receive slot during the Network mode operation
0
Not currently receiving the last time slot of the receive frame
1
Last slot of the receive frame is currently being received
9
TF1ERR
Transmit FIFO 1 Error
When the transmitter status control TXSF1 is set and the FIFOs are in use, this status bit will
indicate the state of FIFO1 is not the same as FIFO0.
0
State of TXFIFO0 and TXFIFO1 contains the same amount of data
1
State of TXFIFO is different than the state of the TXFIFO1
8
TF2ERR
Transmit FIFO 2 Error
When the transmitter status control TXSF2 is set and FIFOs are in use, this status bit
indicates the state of FIFO2 is not the same as FIFO0.
0
Status of TXFIFO2 matches the other enabled TXFIFOs
1
Status (data content level) of TXFIFO2 is different than the other enabled TXFIFOs
ESSI Status
Register (SSR)
Base + $4
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
IF1
IF0
TFF
TLS
RLS TF1ERR TF2ERR RDR TDE ROE TUE
TFS
RFS
RFF
TFE
Write
Reset
000
000
0
0
00000
000
ESSI
3 of 16
denotes Reserved Bits
See the following page for continuation of this register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com